Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4514BC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza CD4514BC
Descripción Electrónicos  4-Bit Latched/4-to-16 Line Decoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4514BC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4514BC Datasheet HTML 1Page - Fairchild Semiconductor CD4514BC Datasheet HTML 2Page - Fairchild Semiconductor CD4514BC Datasheet HTML 3Page - Fairchild Semiconductor CD4514BC Datasheet HTML 4Page - Fairchild Semiconductor CD4514BC Datasheet HTML 5Page - Fairchild Semiconductor CD4514BC Datasheet HTML 6Page - Fairchild Semiconductor CD4514BC Datasheet HTML 7Page - Fairchild Semiconductor CD4514BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
All types CL = 50 pF, TA = 25°C, tr = tf = 20 ns unless otherwise specified
Note 5: AC Parameters are guaranteed by DC correlated testing.
Note 6: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note,
AN-90.
Note 7: Capacitance is guaranteed by periodic testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTHL, tTLH
Transition Times
VDD = 5V
100
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
tPLH, tPHL
Propagation Delay Times
VDD = 5V
550
1100
ns
VDD = 10V
225
450
VDD = 15V
150
300
tPLH, tPHL
Inhibit Propagation
VDD = 5V
400
800
ns
Delay Times
VDD = 10V
150
300
VDD = 15V
100
200
tSU
Setup Time
VDD = 5V
125
250
ns
VDD = 10V
50
100
VDD = 15V
38
75
tWH
Strobe Pulse Width
VDD = 5V
175
350
ns
VDD = 10V
50
100
VDD = 15V
38
75
CPD
Power Dissipation Capacitance
Per Package (Note 6)
150
pF
CIN
Input Capacitance
Any Input (Note 7)
5
7.5
pF


Número de pieza similar - CD4514BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BC NSC-CD4514BC Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BCN FAIRCHILD-CD4514BCN Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
CD4514BCWM FAIRCHILD-CD4514BCWM Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
More results

Descripción similar - CD4514BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com