|
| AZ393_06 |
|
||
|
BCDSEMI |
|
3 page
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AZ393/393C 3 Aug. 2006 Rev. 1. 2 BCD Semiconductor Manufacturing Limited Data Sheet Package Input Offset Voltage Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free SOIC-8 Maximum Value 5mV AZ393M AZ393M-E1 AZ393M AZ393M-E1 Tube 5mV AZ393MTR AZ393MTR-E1 AZ393M AZ393M-E1 Tape & Reel 2mV AZ393CM AZ393CM-E1 393CM 393CM-E1 Tube 2mV AZ393CMTR AZ393CMTR-E1 393CM 393CM-E1 Tape & Reel DIP-8 Maximum Value 5mV AZ393P AZ393P-E1 AZ393P AZ393P-E1 Tube 2mV AZ393CP AZ393CP-E1 AZ393CP AZ393CP-E1 Tube BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Circuit Type Blank: AZ393 E1: Lead Free Blank: Tin Lead AZ393 - TR: Tape and Reel Blank: Tube C: AZ393C Package M: SOIC-8 P: DIP-8 Ordering Information |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AS393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| LM393_06 | Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | ON Semiconductor |
| LM193 | Low Power Dual Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| AS339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM2903H | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 | STMicroelectronics |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TDA2822M | DUAL LOW VOLTAGE POWER AMPLIFIER | 1 2 3 4 | Unisonic Technologies |
| LM2901H | High Temperature Low Power Quad Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |