|
| AS324_06 |
|
||
|
BCDSEMI |
|
3 page
LOW POWER QUAD OPERATIONAL AMPLIFIERS AS324/324A Data Sheet 3 Apr. 2007 Rev. 1.6 BCD Semiconductor Manufacturing Limited Absolute Maximum Ratings (Note 1) Recommended Operating Conditions Parameter Symbol Value Unit Supply Voltage VCC 40 V Differential Input Voltage VID 40 V Input Voltage VIN -0.3 to 40 V Total Power Dissipation (TA=25 oC) PD DIP-14 1130 mW SOIC-14 800 TSSOP-14 710 Operating Junction Temperature TJ 150 oC Storage Temperature Range TSTG -65 to 150 oC Lead Temperature (Soldering, 10 Seconds) TLEAD 260 oC Parameter Symbol Min Max Unit Supply Voltage VCC 336 V Ambient Operating Temperature Range TA -40 85 oC Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max- imum Ratings" for extended periods may affect device reliability. Ordering Information (Continuation) BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Package Temperature Range Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free SOIC-14 -40 to 85oC AS324M AS324M-E1 AS324M AS324M-E1 Tube AS324MTR AS324MTR-E1 AS324M AS324M-E1 Tape & Reel AS324AM-E1 AS324AM-E1 Tube AS324AMTR-E1 AS324AM-E1 Tape & Reel DIP-14 AS324P AS324P-E1 AS324P AS324P-E1 Tube AS324AP-E1 AS324AP-E1 Tube TSSOP-14 AS324GTR-E1 EGS324 Tape & Reel AS324G-E1 EGS324 Tube |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AZ324_06 | LOW POWER QUAD OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| TL064_01 | LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| AS324 | LOW POWER QUAD OPERATIONAL AMPLIFIERS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ324 | LOW POWER QUAD OPERATIONAL AMPLIFIERS | 1 2 | BCD Semiconductor Manufacturing Limited |
| OPA234 | Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Burr-Brown Corporation |
| AP358 | LOW POWER DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Diodes Incorporated |
| ICL7621_01 | Dual Low Power CMOS Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| LM2904W | LOW POWER DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| LM2902W | LOW POWER QUAD OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| MC33171_06 | Single Supply 3.0 V to 44 V Low Power Operational Amplifiers | 1 2 3 4 5 More | ON Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |