|
| AZ339_06 |
|
||
|
BCDSEMI |
|
6 page
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS AZ339 6 Aug. 2006 Rev. 1. 2 BCD Semiconductor Manufacturing Limited Data Sheet Figure 6. Output Sink Current vs. Saturation Voltage Figure 7. Response Time for 5mV Input Overdrive - Negative Transition Figure 8. Response Time for 5mV Input Overdrive - Positive Transition Figure 4. Supply Voltage vs. Supply Current Figure 5. Supply Voltage vs. Input Current Time ( µS) Time ( µS) 0 0.2 04 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -95mV 5mV 0 2V 4V 6V 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -5mV 95mV 0V 2V 4V 6V Typical Performance Characteristics V IN V CC 5.1K V OUT + _ 02468 10 12 14 16 18 0 5 10 15 20 25 30 85C o 25C o -40C o Supply Voltage (V DC ) V IN V CC 5.1K V OUT + _ 0 2468 10 12 14 16 18 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 85C o 25C o -40C o Supply Voltage (V DC ) 0.01 0.1 1 10 100 1E-3 0.01 0.1 1 10 25 oC -40 oC 85 oC Output Sink Current (mA) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AS339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| AS393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393_06 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM2901H | High Temperature Low Power Quad Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| LM393_06 | Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | ON Semiconductor |
| LM193 | Low Power Dual Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| LM2903H | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |