Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2106MPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN2106MPX
Descripción Electrónicos  TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106MPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2106MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2106MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.1
6
Electrical Specifications (Continued)
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Soft-Start
EN to VOUT Regulation (T0.8)
Frequency = 600KHz
3.0
msec
EN to Fault Enable/SSOK (T1.0)
Frequency = 600KHz
3.3
msec
Control Functions
EN Threshold, Rising
1.35
2.0
V
EN Hysteresis
250
mV
EN Pull-Up Resistance
800
K
Ω
EN Discharge Current
Auto-restart mode
1
µA
FB OK Drive Resistance
800
Ω
FB < VREF
-14
-11
-8
%VFB
PGOOD Threshold
FB > VREF
107
110
113
%VFB
PGOOD Output Low
IOUT < 2mA
0.4
V
PGOOD Output High
VPGOOD = 5V
1
µA
PWM# Threshold
0.6
0.8
V
PWM# Input Current
VPWM# = 0.4V
1.0
1.2
µA


Número de pieza similar - FAN2106MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106MPX FAIRCHILD-FAN2106MPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Descripción similar - FAN2106MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com