|
| AZ317L_06 |
|
||
|
BCDSEMI |
|
3 page
3-TERMINAL ADJUSTABLE REGULATOR AZ317L Data Sheet 3 Sep. 2006 Rev. 1. 2 BCD Semiconductor Manufacturing Limited Package Temperature Range Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free TO-92 0 to 125oC AZ317LZ AZ317LZ-E1 AZ317LZ AZ317LZ-E1 Tube AZ317LZTR AZ317LZTR-E1 AZ317LZ AZ317LZ-E1 Tape & Reel SOIC-8 0 to 125oC AZ317LM AZ317LM-E1 317LM 317LM-E1 Tube AZ317LMTR AZ317LMTR-E1 317LM 317LM-E1 Tape & Reel Circuit Type Package E1: Lead Free Blank: Tin Lead AZ317L - TR: Tape and Reel Blank: Tube BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Z: TO-92 M: SOIC-8 Ordering Information |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LM317 | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 | Fairchild Semiconductor |
| LM317L | 3-Terminal 0.1A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317M | 3-Terminal 0.5A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317M | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| LM317M_07 | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| LM317M | 3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
| AS78XX_07 | 1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM350 | 3.0 A Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| AZ78LXX_07 | 3-TERMINAL POSITIVE LINEAR REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM317L | ADJUSTABLE VOLTAGE REGULATOR POSITIVE | 1 2 3 | HTC Korea TAEJIN Technology Co. |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |