|
| AZ494B_05 |
|
||
|
BCDSEMI |
|
3 page
PULSE-WIDTH-MODULATION CONTROL CIRCUITS AZ494B/D Data Sheet 3 Jun. 2005 Rev. 1. 1 BCD Semiconductor Manufacturing Limited Ordering Information Package Temperature Range Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free SOIC-16 -40 to 85oC AZ494BM AZ494BM-E1 AZ494BM AZ494BM-E1 Tube AZ494BMTR AZ494BMTR-E1 AZ494BM AZ494BM-E1 Tape & Reel AZ494DM AZ494DM-E1 AZ494DM AZ494DM-E1 Tube AZ494DMTR AZ494DMTR-E1 AZ494DM AZ494DM-E1 Tape & Reel DIP-16 AZ494BP AZ494BP-E1 AZ494BP AZ494BP-E1 Tube AZ494DP AZ494DP-E1 AZ494DP AZ494DP-E1 Tube BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Circuit Type Reference Voltage E1: Lead Free Blank: Tin Lead AZ494 - TR: Tape and Reel Blank: Tube Package M: SOIC-16 P: DIP-16 B: 4.95V D: 5.0V |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TL594I | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Texas Instruments |
| TL1451_05 | DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494A | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| TL5001 | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494B | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| TL494 | Pulse-Width-Modulation Control Circuits | 1 2 3 4 5 More | HTC Korea TAEJIN Technology Co. |
| UC3842A_05 | CURRENT MODE PWM CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| IXFE44N50QD2 | Buck & Boost Configurations for PFC & Motor Control Circuits | 1 2 | IXYS Corporation |
| TL1454A | DUAL-CHANNEL PULSE-WIDTH-MODULATION PWM CONTROL CIRCUIT | 1 2 3 4 5 More | Texas Instruments |
| TL594 | PULSE-WIDTH-MODULATION CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |