|
| AZ7500B |
|
||
|
BCDSEMI |
|
6 page
PULSE-WIDTH-MODULATION CONTROL CIRCUITS AZ7500B/C Data Sheet 6 Apr. 2006 Rev. 1. 2 BCD Semiconductor Manufacturing Limited Parameter Symbol Conditions Min Typ Max Unit PWM Comparator Section Input Threshold Voltage VITH Zero duty cycle 4 4.5 V Input Sink Current ISINK V3 = 0.7V -0.3 -0.7 mA Output Section Output Saturation Voltage Common Emitter VCE (SAT) VE = 0V, IC =200mA 1.1 1.3 V Emitter Follower VCC (SAT) VCC = 15V, IE = -200mA 1.5 2.5 Collector Off-State Current IC (OFF) VCE = 36V, VCC=36V 2 100 µA Emitter Off-State Current IE(OFF) VCC = VC = 36V, VE = 0 -100 µA Total Device Supply Current ICC Pin 6 = VREF, VCC=15V 6 10 mA Output Switching Characteristics Rise Time tR Common Emitter Common Collector 100 200 ns Fall Time tF Common Emitter Common Collector 25 100 ns Electrical Characteristics (Continued) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TL594I | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Texas Instruments |
| TL1451_05 | DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494A | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| TL5001 | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494B | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ494B_05 | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| TL494 | Pulse-Width-Modulation Control Circuits | 1 2 3 4 5 More | HTC Korea TAEJIN Technology Co. |
| UC3842A_05 | CURRENT MODE PWM CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| TL594 | PULSE-WIDTH-MODULATION CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
| IXFE44N50QD2 | Buck & Boost Configurations for PFC & Motor Control Circuits | 1 2 | IXYS Corporation |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |