|
| AZ7500B |
|
||
|
BCDSEMI |
|
3 page
PULSE-WIDTH-MODULATION CONTROL CIRCUITS AZ7500B/C Data Sheet 3 Apr. 2006 Rev. 1. 2 BCD Semiconductor Manufacturing Limited Ordering Information Package Temperature Range Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free SOIC-16 -40 to 85oC AZ7500BM AZ7500BM-E1 AZ7500BM AZ7500BM-E1 Tube AZ7500BMTR AZ7500BMTR-E1 AZ7500BM AZ7500BM-E1 Tape & Reel AZ7500CM AZ7500CM-E1 AZ7500CM AZ7500CM-E1 Tube AZ7500CMTR AZ7500CMTR-E1 AZ7500CM AZ7500CM-E1 Tape & Reel DIP-16 AZ7500BP AZ7500BP-E1 AZ7500BP AZ7500BP-E1 Tube AZ7500CP AZ7500CP-E1 AZ7500CP AZ7500CP-E1 Tube BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Circuit Type Reference Voltage E1: Lead Free Blank: Tin Lead AZ7500 - TR: Tape and Reel Blank: Tube Package M: SOIC-16 P: DIP-16 B: 4.95V C: 5.0V |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TL594I | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Texas Instruments |
| TL1451_05 | DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494A | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| TL5001 | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| AZ494B | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ494B_05 | PULSE-WIDTH-MODULATION CONTROL CIRCUITS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| TL494 | Pulse-Width-Modulation Control Circuits | 1 2 3 4 5 More | HTC Korea TAEJIN Technology Co. |
| UC3842A_05 | CURRENT MODE PWM CONTROL CIRCUITS | 1 2 3 4 5 More | Unisonic Technologies |
| TL594 | PULSE-WIDTH-MODULATION CONTROL CIRCUIT | 1 2 3 4 5 More | Unisonic Technologies |
| IXFE44N50QD2 | Buck & Boost Configurations for PFC & Motor Control Circuits | 1 2 | IXYS Corporation |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |