|
| AS393_06 |
|
||
|
BCDSEMI |
|
6 page
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS AS393/393A BCD Semiconductor Manufacturing Limited Data Sheet 6 Aug. 2006 Rev. 1.6 Typical Performance Characteristics (Continued) Figure 8. Response Time for 5mV Input Overdrive - Positive Transition Time ( µs) 0 5 0 100 1.8 2.0 1.4 1.6 1.0 1.2 0.6 0.8 0.2 0.4 0 Figure 9. Basic Comparator Typical Applications Figure 10. Driving CMOS +V IN +V REF 1/2 AS393/A V CC 3K V O + - 100K 5V + - 4 8 1/2 AS393/A +V IN +V REF V O V IN V CC 5.1K V OUT + _ |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AS393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ393_06 | LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM393_06 | Low Offset Voltage Dual Comparators | 1 2 3 4 5 More | ON Semiconductor |
| LM193 | Low Power Dual Voltage Comparators | 1 2 3 4 5 More | STMicroelectronics |
| AS339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LM2903H | LOW POWER DUAL VOLTAGE COMPARATORS | 1 2 3 4 5 | STMicroelectronics |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 | BCD Semiconductor Manufacturing Limited |
| AZ339 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| AZ339_06 | LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |