Nombre de pieza
         Descripción
AZ494A_06

 PULSE-WIDTH-MODULATION CONTROL CIRCUITS ( 13 Page)


BCDSEMI
100% 
Zoom Out Zoom In
 6 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A/C
Data Sheet
6
Apr. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PWM Comparator Section
Input Threshold Voltage
VITH
Zero duty cycle
4
4.5
V
Input Sink Current
ISINK
V3 = 0.7V
-0.3
-0.7
mA
Output Section
Output Saturation Voltage
Common
Emitter
VCE
(SAT)
VE = 0V, IC =200mA
1.1
1.3
V
Emitter
Follower
VCC
(SAT)
VCC = 15V,
IE = -200mA
1.5
2.5
Collector Off-State Current
IC (OFF)
VCE = 36V, VCC=36V
2
100
µA
Emitter Off-State Current
IE(OFF)
VCC = VC = 36V, VE = 0
-100
µA
Total Device
Supply Current
ICC
Pin 6 = VREF, VCC=15V
6
10
mA
Output Switching Characteristics
Rise Time
tR
Common Emitter
Common Collector
100
200
ns
Fall Time
tF
Common Emitter
Common Collector
25
100
ns
Electrical Characteristics (Continued)
1  2  3  4  5  6  7  8  9  10  11  12  13 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TL594IPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreTexas Instruments
TL1451_05DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
AZ494APULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 BCD Semiconductor Manufacturing Limited
TL5001PULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
AZ494BPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 BCD Semiconductor Manufacturing Limited
AZ494B_05PULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ7500BPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL494Pulse-Width-Modulation Control Circuits 1 2 3 4 5 MoreHTC Korea TAEJIN Technology Co.
UC3842A_05CURRENT MODE PWM CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
TL594PULSE-WIDTH-MODULATION CONTROL CIRCUIT 1 2 3 4 5 MoreUnisonic Technologies

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl