Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1616N Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXA1616N
Descripción Electrónicos  Sync Discriminator for CRT Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1616N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1616N Datasheet HTML 6Page - Sony Corporation CXA1616N Datasheet HTML 7Page - Sony Corporation CXA1616N Datasheet HTML 8Page - Sony Corporation CXA1616N Datasheet HTML 9Page - Sony Corporation CXA1616N Datasheet HTML 10Page - Sony Corporation CXA1616N Datasheet HTML 11Page - Sony Corporation CXA1616N Datasheet HTML 12Page - Sony Corporation CXA1616N Datasheet HTML 13Page - Sony Corporation CXA1616N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
– 10 –
CXA1616N/S
Signal Source Types
Signal
A
B
C
D
F
G
H
I
J
Item
V. SYNC IN (Pin 1)
fV = 40Hz
tWV = 12.5µs
Negative logic
1Vp-p
fV = 200Hz
tWV = 0.3ms
Negative logic 5Vp-p
fV = 200Hz
tWV = 0.3ms
Positive logic
5Vp-p
Composite SYNC IN (Pin 4)
fV = 40Hz
tWV = 12.5µs
Negative logic
1Vp-p
fH = 130kHz
tWH = 0.65µs
Negative logic
1Vp-p
fH = 130kHz
tWH = 0.65µs
Positive logic 1Vp-p
fH = 130kHz
tWV = 0.65µs
Negative logic 5Vp-p
fH = 130kHz
tWV = 0.65µs
Positive logic 5Vp-p
fH = 15kHz
tWV = 3.3µs
Negative logic 1Vp-p
VIDEO IN (Pin 7)
fV = 40Hz
tWV = 12.5µs
fH = 130kHz
tWH = 0.65µs
1, 2, 15
3, 6, 8,
9, 19, 23
4, 7, 10,
21, 25
5, 20, 24
11
12
13
14
17
tWV
tWV
V
tWH
H
12.5µs
V
0.7V
0.2V
10H
3H
0.65µs
H
0.7V
0.2V
1.5µs
5.8µs


Número de pieza similar - CXA1616N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611N SONY-CXA1611N Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611P SONY-CXA1611P Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619AS SONY-CXA1619AS Datasheet
193Kb / 11P
   FM/AM Radio
More results

Descripción similar - CXA1616N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2016S SONY-CXA2016S Datasheet
183Kb / 12P
   Sync Identification for CRT Display
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
   PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
   Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
List of Unclassifed Man...
WT8043 ETC-WT8043 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
logo
Rohm
BA9755S ROHM-BA9755S Datasheet
135Kb / 10P
   High voltage controller for CRT displays
logo
Sanyo Semicon Device
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
   Video Output Bias Circuit for CRT Displays?
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
   Video Output Bias Circuit for CRT Displays
logo
Rohm
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com