Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDZ493P Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDZ493P
Descripción Electrónicos  P-Channel 2.5V Specified PowerTrench BGA MOSFET -20V, -4.6A, 46mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ493P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDZ493P Datasheet HTML 1Page - Fairchild Semiconductor FDZ493P Datasheet HTML 2Page - Fairchild Semiconductor FDZ493P Datasheet HTML 3Page - Fairchild Semiconductor FDZ493P Datasheet HTML 4Page - Fairchild Semiconductor FDZ493P Datasheet HTML 5Page - Fairchild Semiconductor FDZ493P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDZ493P Rev.B(W)
www.fairchildsemi.com
4
Figure 7.
02
46
8
10
0
1
2
3
4
5
VDD = -15V
VDD = -10V
Qg, GATE CHARGE(nC)
VDD = -5V
Gate Charge Characteristics
Figure8.
0.1
1
10
100
1000
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
20
2000
40
CapacitancevsDrain
to Source Voltage
Figure 9.
0.1
1
10
0.01
0.1
1
10
100ms
50
50
1s
10s
r
DS(on) LIMIT
DC
10ms
1ms
100us
VGS = -4.5V
SINGLE PULSE
Rthja = 157OC/W
TA = 25OC
-VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Figure 10.
10
-2
10
-1
10
0
10
1
10
2
10
3
0
5
10
15
20
25
30
30
V
GS = -4.5V
SINGLE PULSE
Rthja = 157
OC/W
t, PULSE WIDTH (s)
TA = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TA
125
------------------------
Single Pulse Maximum Power
Dissipation
Figure 11. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1E-3
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Número de pieza similar - FDZ493P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
FDZ4.3 FS-FDZ4.3 Datasheet
259Kb / 3P
   Zener Diode
FDZ4.3E FS-FDZ4.3E Datasheet
405Kb / 6P
   Zener Voltage Regulators
FDZ4.3F FS-FDZ4.3F Datasheet
415Kb / 4P
   Zener Voltage Regulators
FDZ4.3SOD723 FS-FDZ4.3SOD723 Datasheet
603Kb / 5P
   ZENER DIODE
FDZ4.7 FS-FDZ4.7 Datasheet
259Kb / 3P
   Zener Diode
More results

Descripción similar - FDZ493P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDC638APZ FAIRCHILD-FDC638APZ Datasheet
484Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ203N FAIRCHILD-FDZ203N Datasheet
145Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com