Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1216 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FIN1216
Descripción Electrónicos  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1216 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN1216 Datasheet HTML 4Page - Fairchild Semiconductor FIN1216 Datasheet HTML 5Page - Fairchild Semiconductor FIN1216 Datasheet HTML 6Page - Fairchild Semiconductor FIN1216 Datasheet HTML 7Page - Fairchild Semiconductor FIN1216 Datasheet HTML 8Page - Fairchild Semiconductor FIN1216 Datasheet HTML 9Page - Fairchild Semiconductor FIN1216 Datasheet HTML 10Page - Fairchild Semiconductor FIN1216 Datasheet HTML 11Page - Fairchild Semiconductor FIN1216 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.fairchildsemi.com
8
Receiver DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 16)
Note 16: All Typical Values are at TA
25
qC and with VCC 3.3V. Positive current values refer to the current flowing into device and negative values means
current flowing out of pins. Voltage are referenced to ground unless otherwise specified (except
'VOD and VOD).
Note 17: The power supply current for the receiver can be different with the number of active I/O channels.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
LVTTL/CMOS DC Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VOH
Output High Voltage
IOH 0.4 mA
2.7
3.3
V
VOL
Output Low Voltage
IOL 2 mA
0.3
V
VIK
Input Clamp Voltage
IIK 18 mA
1.5
V
IIN
Input Current
VIN 0V to 4.6V
10.0
10.0
PA
IOFF
Input/Output Power Off Leakage Current
VCC 0V,
r10.0
PA
All LVTTL Inputs/Outputs 0V to 4.6V
IOS
Output Short Circuit Current
VOUT 0V
60.0
120
mA
Receiver LVDS Input Characteristics
VTH
Differential Input Threshold HIGH
Figure 2, Table 2
100
mV
VTL
Differential Input Threshold LOW
Figure 2, Table 2
100
mV
VICM
Input Common Mode Range
Figure 2, Table 2
0.05
2.35
V
IIN
Input Current
VIN 2.4V, VCC 3.6V or 0V
r10.0
PA
VIN 0V, VCC 3.6V or 0V
r10.0
PA
Receiver Supply Current
ICCWR
3:21 Receiver Power Supply Current
33.0 MHz
66.0
mA
for Worst Case Pattern (With Load)
CL 8 pF,
40.0 MHz
56.0
74.0
(Note 17)
See Figure 3
65.0 MHz
75.0
102
(85.0 MHz Specification for FIN1218 only)
85.0 MHz
92.0
125
ICCPDR
Powered Down Supply Current
PwrDn
0.8V (RxOut stays LOW)
NA
400
PA


Número de pieza similar - FIN1216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1216 FAIRCHILD-FIN1216 Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
FIN1216MTD FAIRCHILD-FIN1216MTD Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1216MTDX FAIRCHILD-FIN1216MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1216MTDX ONSEMI-FIN1216MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

Descripción similar - FIN1216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com