Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5264B Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 1N5264B
Descripción Electrónicos  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5264B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N5264B Datasheet HTML 1Page - Fairchild Semiconductor 1N5264B Datasheet HTML 2Page - Fairchild Semiconductor 1N5264B Datasheet HTML 3Page - Fairchild Semiconductor 1N5264B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
1N5221B - 1N5279B Rev. I
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
- Zener Voltage (V
Z) : The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
VZ (V) @ IZ (Note 1)
ZZ (Ω) @ IZ (mA)
ZZK (Ω) @ IZK (mA)
IR (µA) @ VR (V)
TC
(%/
°C)
Min.
Typ.
Max.
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
20.9
22.8
23.75
25.65
26.6
22
24
25
27
28
23.1
25.2
26.25
28.35
29.4
29
33
35
41
44
5.6
5.2
5.0
4.6
4.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
17
18
19
21
21
0.087
0.088
0.088
0.089
0.090
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
28.5
31.35
34.2
37.05
40.85
30
33
36
39
43
31.5
34.65
37.8
40.95
45.15
49
58
70
80
93
4.2
3.8
3.4
3.2
3.0
600
700
700
800
900
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
23
25
27
30
33
0.09
0.092
0.093
0.094
0.095
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
44.65
48.45
53.2
57
58.9
47
51
56
60
62
49.35
53.55
58.8
63
65.1
105
125
150
170
185
2.7
2.5
2.2
2.1
2.0
1000
1100
1300
1400
1400
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
36
39
43
46
47
0.095
0.096
0.096
0.097
0.097
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
64.6
71.25
80.75
82.65
96.45
68
75
85
87
91
71.4
78.75
89.25
91.35
95.55
230
270
330
370
400
1.8
1.7
1.5
1.4
1.4
1600
1700
2000
2200
2300
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
52
56
62
68
69
0.097
0.098
0.098
0.099
0.099
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
95
104.5
114
123.5
133
100
110
120
130
140
105
115.5
126
136.5
147
500
750
900
1100
1300
1.3
1.1
1.0
0.95
0.90
2600
3000
4000
4500
4500
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
76
84
91
99
106
0.099
0.11
0.11
0.11
0.11
1N5276B
1N5277B
1N5278B
1N5279B
142.5
152
161.5
171
150
160
170
180
157.5
168
178.5
189
1500
1700
1900
2200
0.85
0.80
0.74
0.68
5000
5500
5500
6000
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
114
122
129
137
0.11
0.11
0.11
0.11
VF Forward Voltage = 1.2V Max. @ IF = 200mA


Número de pieza similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gaomi Xinghe Electronic...
1N5264B GXELECTRONICS-1N5264B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Vishay Siliconix
1N5264B VISHAY-1N5264B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
First Components Intern...
1N5264B FCI-1N5264B Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
logo
Sangdest Microelectroni...
1N5264B SMC-1N5264B Datasheet
294Kb / 5P
   ZENER DIODES
logo
EIC discrete Semiconduc...
1N5264B EIC-1N5264B Datasheet
38Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N5264B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com