Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5266B Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 1N5266B
Descripción Electrónicos  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5266B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1N5266B Datasheet HTML 1Page - Fairchild Semiconductor 1N5266B Datasheet HTML 2Page - Fairchild Semiconductor 1N5266B Datasheet HTML 3Page - Fairchild Semiconductor 1N5266B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
1N5221B - 1N5279B Rev. I
Top Mark Information
Device
Line 1
Line 2
Line 3
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
LOGO
LOGO
LOGO
LOGO
LOGO
22
22
22
22
22
1B
2B
3B
4B
5B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
LOGO
LOGO
LOGO
LOGO
LOGO
22
22
22
22
23
6B
7B
8B
9B
0B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
LOGO
LOGO
LOGO
LOGO
LOGO
23
23
23
23
23
1B
2B
3B
4B
5B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
LOGO
LOGO
LOGO
LOGO
LOGO
23
23
23
23
24
6B
7B
8B
9B
0B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
LOGO
LOGO
LOGO
LOGO
LOGO
24
24
24
24
24
1B
2B
3B
4B
5B
1N5246B
1N5247B
1N5248B
1N5247B
1N5250B
LOGO
LOGO
LOGO
LOGO
LOGO
24
24
24
24
25
6B
7B
8B
9B
0B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
25
1B
2B
3B
4B
5B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
26
6B
7B
8B
9B
0B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
LOGO
LOGO
LOGO
LOGO
LOGO
26
26
26
26
26
1B
2B
3B
4B
5B
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
LOGO
LOGO
LOGO
LOGO
LOGO
26
26
26
26
26
6B
7B
8B
9B
0B
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
LOGO
LOGO
LOGO
LOGO
LOGO
27
27
27
27
27
1B
2B
3B
4B
5B
1N5276B
1N5277B
1N5278B
1N5279B
LOGO
LOGO
LOGO
LOGO
27
27
27
27
6B
7B
8B
9B


Número de pieza similar - 1N5266B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
1N5266B YEASHIN-1N5266B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5266B VISHAY-1N5266B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5266B ZSELEC-1N5266B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Leshan Radio Company
1N5266B LRC-1N5266B Datasheet
48Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N5266B VISHAY-1N5266B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Descripción similar - 1N5266B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com