Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSR1004 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KSR1004
Descripción Electrónicos  Switching Application (Bias Resistor Built In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSR1004 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSR1004 Datasheet HTML 1Page - Fairchild Semiconductor KSR1004 Datasheet HTML 2Page - Fairchild Semiconductor KSR1004 Datasheet HTML 3Page - Fairchild Semiconductor KSR1004 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, October 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=100µA, IB=0
50
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
hFE
DC Current Gain
VCE=5V, IC=5mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
0.3
V
fT
Current Gain Bandwidth Product
VCE=10V, IC=5mA
250
MHz
Cob
Output Capacitance
VCB=10V, IE=0
f=1.0MHz
3.7
pF
VI(off)
Input Off Voltage
VCE=5V, IC=100µA0.5
V
VI(on)
Input On Voltage
VCE=0.3V, IC=2mA
3
V
R1
Input Resistor
32
47
62
K
R1/R2
Resistor Ratio
0.9
1
1.1
KSR1004
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit Driver Circuit,
• Built in bias Resistor (R1=47KΩ, R2=47KΩ)
• Complement to KSR2004
Equivalent Circuit
B
E
C
R1
R2
1. Emitter 2. Collector 3. Base
TO-92
1


Número de pieza similar - KSR1004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KSR1004 SAMSUNG-KSR1004 Datasheet
62Kb / 2P
   NPN (SWITCHING APPLICATION)
More results

Descripción similar - KSR1004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FJV4106RMTF FAIRCHILD-FJV4106RMTF Datasheet
94Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR2002 FAIRCHILD-KSR2002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1002 FAIRCHILD-KSR1002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1010 FAIRCHILD-KSR1010 Datasheet
34Kb / 4P
   Switching Application (Bias Resistor Built In)
FJX3011RTF FAIRCHILD-FJX3011RTF Datasheet
37Kb / 3P
   Switching Application (Bias Resistor Built In)
FJX4004RTF FAIRCHILD-FJX4004RTF Datasheet
47Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1104 FAIRCHILD-KSR1104 Datasheet
55Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3304RTA FAIRCHILD-FJN3304RTA Datasheet
71Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR2104 FAIRCHILD-KSR2104 Datasheet
56Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3303RBU FAIRCHILD-FJN3303RBU Datasheet
42Kb / 4P
   Switching Application (Bias Resistor Built In)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com