Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPV380 Datasheet(PDF) 2 Page - OPTEK Technologies

No. de pieza OPV380
Descripción Electrónicos  Vertical Cavity Surface Emitting Laser in Lateral Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTEK [OPTEK Technologies]
Página de inicio  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV380 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPV380 Datasheet HTML 1Page - OPTEK Technologies OPV380 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCSEL in Flat Lens Lateral Package
OPV380
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Electrical Characteristics (T
A = 25
°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40
° to +100° C
Operating Temperature Range
-40
° to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec with soldering iron]
260
° C(1)
Maximum Forward Peak Current
20 mA
Maximum Reverse Voltage
5 V
NOTES:
(1)
RMA flux is recommended. Solder dwell time can be increased to 10 seconds when flow soldering.
(2)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(3)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(4)
Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA with 0.25mA test intervals.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
POT
Total Power Out
1.5
mW
IF = 7 mA
ITH
Threshold Current
3.0
mA
Note 2
VF
Forward Voltage
2.2
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 3
η
Slope Efficiency
0.28
mW/mA
Note 4
λ
Wavelength
830
860
nm
∆λ
Optical Bandwidth
0.85
nm
θ
Beam Divergence
20
Degrees
∆η/∆T
Temp Coefficient of Slope Efficiency
-0.50
%/
°C
(0
° - 70°C), Note 4
∆λ/∆T
Temp Coefficient of Wavelength
0.06
nm/
°C
(0
° - 70°C)
∆l
TH/∆T
Temp Coefficient of Threshold Current
±1.0
mA
(0
° - 70°C), Note 2
∆V
F/∆T
Temp Coefficient for Forward Voltage
-2.5
mV/
°C
(0
° - 70°C)
Issue 1.1 05.05
Page 2 of 2
Normalized Output Power vs.
Forward Current
0
2
4
6
8
10
12
Forward Current—mA
200%
100%
0%
Normalized at 7mA, 25°C
Typical Angular Output
0
0%
20%
40%
60%
100%
Angular Displacement—Degrees
-30
-90
60
90
30
-60
80%


Número de pieza similar - OPV380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results

Descripción similar - OPV380

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV280 OPTEK-OPV280 Datasheet
265Kb / 4P
   Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com