Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC271BIDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC271BIDR
Descripción Electrónicos  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC271BIDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC271BIDR Datasheet HTML 6Page - Texas Instruments TLC271BIDR Datasheet HTML 7Page - Texas Instruments TLC271BIDR Datasheet HTML 8Page - Texas Instruments TLC271BIDR Datasheet HTML 9Page - Texas Instruments TLC271BIDR Datasheet HTML 10Page - Texas Instruments TLC271BIDR Datasheet HTML 11Page - Texas Instruments TLC271BIDR Datasheet HTML 12Page - Texas Instruments TLC271BIDR Datasheet HTML 13Page - Texas Instruments TLC271BIDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HIGH-BIAS MODE
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC271I, TLC271AI,
TLC271BI
UNIT
A
MIN
TYP
MAX
25
°C
3.6
VI(PP) = 1 V
– 40
°C
4.5
SR
Slew rate at unity gain
RL = 10 kΩ,
CL =20 pF
()
85
°C
2.8
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
2.9
V/
µs
See Figure 98
VI(PP) = 2.5 V
– 40
°C
3.5
()
85
°C
2.3
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√H
Vn
Equivalent input noise voltage
,
See Figure 99
S
,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =10kΩ
CL = 20 pF,
See Figure 98
– 40
°C
380
kHz
RL = 10 kΩ,
See Figure 98
85
°C
250
V10
V
C20 F
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
– 40
°C
2.6
MHz
See Figure 100
85
°C
1.2
V10 mV
fB
25
°C
46
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f = B1,
See Figure 100
– 40
°C
49
°
CL = 20 F,
See Figure 100
85
°C
43
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC271I, TLC271AI,
TLC271BI
UNIT
A
MIN
TYP
MAX
25
°C
5.3
VI(PP) = 1 V
– 40
°C
6.8
SR
Slew rate at unity gain
RL = 10 kΩ,
CL =20 pF
()
85
°C
4
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 98
25
°C
4.6
V/
µs
See Figure 98
VI(PP) = 5.5 V
– 40
°C
5.8
()
85
°C
3.5
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 99
S
,
25
°C
25
nV/
√Hz
VV
C20 F
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =10kΩ
CL = 20 pF,
See Figure 98
– 40
°C
260
kHz
RL = 10 kΩ,
See Figure 98
85
°C
130
V10
V
C20 F
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 100
CL = 20 pF,
– 40
°C
3.1
MHz
See Figure 100
85
°C
1.7
V10 mV
fB
25
°C
49
°
φm
Phase margin
VI = 10 mV,
CL =20 pF
f= B1,
See Figure 100
– 40
°C
52
°
CL = 20 F,
See Figure 100
85
°C
46
°


Número de pieza similar - TLC271BIDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC271BIDR TI-TLC271BIDR Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271BIDR TI-TLC271BIDR Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271BIDRG4 TI-TLC271BIDRG4 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
More results

Descripción similar - TLC271BIDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com