Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC271BIDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC271BIDR
Descripción Electrónicos  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC271BIDR Datasheet(HTML) 2 Page - Texas Instruments

  TLC271BIDR Datasheet HTML 1Page - Texas Instruments TLC271BIDR Datasheet HTML 2Page - Texas Instruments TLC271BIDR Datasheet HTML 3Page - Texas Instruments TLC271BIDR Datasheet HTML 4Page - Texas Instruments TLC271BIDR Datasheet HTML 5Page - Texas Instruments TLC271BIDR Datasheet HTML 6Page - Texas Instruments TLC271BIDR Datasheet HTML 7Page - Texas Instruments TLC271BIDR Datasheet HTML 8Page - Texas Instruments TLC271BIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DEVICE FEATURES
PARAMETER†
BIAS-SELECT MODE
UNIT
PARAMETER†
HIGH
MEDIUM
LOW
UNIT
PD
3375
525
50
µW
SR
3.6
0.4
0.03
V/
µs
Vn
25
32
68
nV/
√Hz
B1
1.7
0.5
0.09
MHz
AVD
23
170
480
V/mV
† Typical at VDD = 5 V, TA = 25°C
description (continued)
Using the bias-select option, these cost-effective devices can be programmed to span a wide range of
applications that previously required BiFET, NFET, or bipolar technology. Three offset voltage grades are
available (C-suffix and I-suffix types), ranging from the low-cost TLC271 (10 mV) to the TLC271B (2 mV)
low-offset version. The extremely high input impedance and low bias currents, in conjunction with good
common-mode rejection and supply voltage rejection, make these devices a good choice for new
state-of-the-art designs as well as for upgrading existing designs.
In general, many features associated with bipolar technology are available in LinCMOS
 operational amplifiers,
without the power penalties of bipolar technology. General applications such as transducer interfacing, analog
calculations, amplifier blocks, active filters, and signal buffering are all easily designed with the TLC271. The
devices also exhibit low-voltage single-supply operation, making them ideally suited for remote and
inaccessible battery-powered applications. The common-mode input voltage range includes the negative rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and output are designed to withstand – 100-mA surge currents without sustaining latch-up.
The TLC271 incorporates internal ESD-protection circuits that prevent functional failures at voltages up to 2000
V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling these devices
as exposure to ESD may result in the degradation of the device parametric performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.
bias-select feature
The TLC271 offers a bias-select feature that allows the user to select any one of three bias levels depending
on the level of performance desired. The tradeoffs between bias levels involve ac performance and power
dissipation (see Table 1).
Table 1. Effect of Bias Selection on Performance
TYPICAL PARAMETER VALUES
MODE
TYPICAL PARAMETER VALUES
TA = 25°C, VDD = 5V
HIGH BIAS
MEDIUM BIAS
LOW BIAS
UNIT
TA = 25 C, VDD = 5 V
RL = 10 kΩ
RL = 100 kΩ
RL = 1 MΩ
PD
Power dissipation
3.4
0.5
0.05
mW
SR
Slew rate
3.6
0.4
0.03
V/
µs
Vn
Equivalent input noise voltage at f = 1 kHz
25
32
68
nV/
√Hz
B1
Unity-gain bandwidth
1.7
0.5
0.09
MHz
φm
Phase margin
46
°
40
°
34
°
AVD
Large-signal differential voltage amplification
23
170
480
V/mV


Número de pieza similar - TLC271BIDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC271BIDR TI-TLC271BIDR Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271BIDR TI-TLC271BIDR Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271BIDRG4 TI-TLC271BIDRG4 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
More results

Descripción similar - TLC271BIDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com