Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL432QDBZT Datasheet(PDF) 8 Page - Texas Instruments |
|
TL432QDBZT Datasheet(HTML) 8 Page - Texas Instruments |
8 / 61 page TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 0.5% TL431B, TL432B ORDERING INFORMATION (CONTINUED) TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431BIP TL431BIP SC-70 (DCK) Reel of 3000 TL431BIDCKR T3_ SC-70 (DCK) Reel of 250 TL431BIDCKT T3_ SOIC (D) Tube of 75 TL431BID Z431B SOIC (D) Reel of 2500 TL431BIDR Z431B Reel of 3000 TL431BIDBVR T3F_ SOT-23-5 (DBV) Reel of 250 TL431BIDBVT T3F_ SOT-23-5 (DBV) Reel of 3000 TL432BIDBVR T4F_ Reel of 250 TL432BIDBVT T4F_ −40 C to 85 C Reel of 3000 TL431BIDBZR T3F_ −40 °C to 85°C SOT-23-3 (DBZ) Reel of 250 TL431BIDBZT T3F_ SOT-23-3 (DBZ) Reel of 3000 TL432BIDBZR T4F_ Reel of 250 TL432IBDBZT T4F_ SOT-89 (PK) Reel of 1000 TL431BIPK 4I SOT-89 (PK) Reel of 1000 TL432BIPK 2H Bulk of 1000, straight lead TL431BILP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431BILPM Z431B Reel of 2000, fomed lead TL431BILPR † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |
Número de pieza similar - TL432QDBZT |
|
Descripción similar - TL432QDBZT |