Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL432CDBZT Datasheet(PDF) 7 Page - Texas Instruments |
|
TL432CDBZT Datasheet(HTML) 7 Page - Texas Instruments |
7 / 56 page TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 0.5% TL431B, TL432B ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431BCP TL431BCP SC-70 (DCK) Reel of 3000 TL431BCDCKR T2_ SC-70 (DCK) Reel of 250 TL431BCDCKT T2_ SOIC (D) Tube of 75 TL431BCD T431B SOIC (D) Reel of 2500 TL431BCDR T431B SOP (PS) Reel of 2000 TL431BCPSR TL431B Reel of 3000 TL431BCDBVR T3G_ SOT-23-5 (DBV) Reel of 250 TL431BCDBVT T3G_ SOT-23-5 (DBV) Reel of 3000 TL432BCDBVR TBC_ Reel of 250 TL432BCDBVT TBC_ Reel of 3000 TL431BCDBZR T3G_ 0 °C to 70°C SOT-23-3 (DBZ) Reel of 250 TL431BCDBZT T3G_ 0 C to 70 C SOT-23-3 (DBZ) Reel of 3000 TL432BCDBZR TBC_ Reel of 250 TL432BCDBZT TBC_ SOT-89 (PK) Reel of 1000 TL431BCPK 4C SOT-89 (PK) Reel of 1000 TL432BCPK 2G Bulk of 1000, straight lead TL431BCLP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431BCLPM TL431B Reel of 2000, formed lead TL431BCLPR TSSOP (PW) Tube of 150 TL431BCPW T431B TSSOP (PW) Reel of 2000 TL431BCPWR T431B † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |
Número de pieza similar - TL432CDBZT |
|
Descripción similar - TL432CDBZT |