Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AVC16T245 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN74AVC16T245 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 21 page www.ti.com Switching Characteristics Operating Characteristics SN74AVC16T245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES551C – FEBRUARY 2004 – REVISED AUGUST 2005 over recommended operating free-air temperature range, V CCA = 3.3 V ± 0.3 V (see Figure 11) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.2 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX tPLH 3.2 0.5 5.5 0.5 4.4 0.5 3.2 0.5 2.7 A B ns tPHL 3.2 0.5 5.5 0.5 4.4 0.5 3.2 0.5 2.7 tPLH 2.8 0.5 3.7 0.5 3.3 0.5 2.8 0.5 2.7 B A ns tPHL 2.8 0.5 3.7 0.5 3.3 0.5 2.8 0.5 2.7 tPZH 2.2 0.5 4.3 0.5 4.2 0.5 4.1 0.5 4 OE A ns tPZL 2.2 0.5 4.3 0.5 4.2 0.5 4.1 0.5 4 tPZH 5.1 0.5 9.3 0.5 7.2 0.5 4.9 0.5 4 OE B ns tPZL 5.1 0.5 9.3 0.5 7.2 0.5 4.9 0.5 4 tPHZ 3.4 0.5 5 0.5 5 0.5 5 0.5 5 OE A ns tPLZ 3.4 0.5 5 0.5 5 0.5 5 0.5 5 tPHZ 4.9 1 7.7 1 6.5 1 5.2 0.5 5 OE B ns tPLZ 4.9 1 7.7 1 6.5 1 5.2 0.5 5 T A = 25°C VCCA = VCCA = VCCA = VCCA = VCCA = TEST VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V PARAMETER UNIT CONDITIONS TYP TYP TYP TYP TYP Outputs 1 1 1 1 2 enabled A to B Outputs 1 1 1 1 1 CL = 0, disabled CpdA(1) f = 10 MHz, pF Outputs tr = tf = 1 ns 13 13 14 15 16 enabled B to A Outputs 1 1 1 1 1 disabled Outputs 13 13 14 15 16 enabled A to B Outputs 1 1 1 1 1 CL = 0, disabled CpdB(1) f = 10 MHz, pF Outputs tr = tf = 1 ns 1 1 1 1 2 enabled B to A Outputs 1 1 1 1 1 disabled (1) Power dissipation capacitance per transceiver 8 |
Número de pieza similar - SN74AVC16T245 |
|
Descripción similar - SN74AVC16T245 |