Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AVC2T45DCTRE4 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
SN74AVC2T45DCTRE4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 20 page www.ti.com TYPICAL CHARACTERISTICS TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE, 0 1 2 3 4 5 6 0 10 20 30 40 50 60 CL - pF VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V 0 1 2 3 4 5 6 0 10 20 30 40 50 CL - pF 60 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V TYPICAL PROPAGATION DELAY (A to B) vs LOAD CAPACITANCE, CL - pF 0 1 2 3 4 5 6 0 10 20 30 40 50 60 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V 0 1 2 3 4 5 6 0 10 20 30 40 50 CL - pF 60 VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.5 V VCCB = 1.2 V SN74AVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES531I – DECEMBER 2003 – REVISED JANUARY 2007 T A = 25°C, VCCA = 1.8 V T A = 25°C, VCCA = 2.5 V 11 Submit Documentation Feedback |
Número de pieza similar - SN74AVC2T45DCTRE4 |
|
Descripción similar - SN74AVC2T45DCTRE4 |