Nombre de pieza
         Descripción
HA-2546_04

 30MHz, Voltage Output, Two Quadrant Analog Multiplier ( 16 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FN2861.6
November 19, 2004
Test Circuits and Waveforms
FIGURE 1. LARGE AND SMALL SIGNAL RESPONSE TEST CIRCUIT
VERTICAL SCALE: 5V/DIV
HORIZONTAL SCALE: 50ns/DIV
VY LARGE SIGNAL RESPONSE
VERTICAL SCALE: 100mV/DIV
HORIZONTAL SCALE: 50ns/DIV
VY SMALL SIGNAL RESPONSE
VERTICAL SCALE: 2V/DIV
HORIZONTAL SCALE: 50ns/DIV
VX LARGE SIGNAL RESPONSE
VERTICAL SCALE: 200mV/DIV
HORIZONTAL SCALE:50ns//DIV
VX SMALL SIGNAL RESPONSE
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
REF
NC
NC
VY +
V-
VOUT
V+
VX +
NC
X
Z
Y
Σ
+
-
+
-
+
-
+
-
NC
50
1k
50pF
+5V
IN
0
-5V
+5V
OUT
0
-5V
100mV
IN
0
-100mV
100mV
OUT
0
-100mV
2V
IN
0
5V
OUT
0
200mV
IN
0
500mV
OUT
0
HA-2546
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PS8802-1_041 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP SO-8 HIGH-SPEED PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317_061.5 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
2SC3468HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS 1 2 3 Unisonic Technologies
MSK5251HIGH CURRENT VERY LOW OUTPUT SURFACE MOUNT VOLTAGE REGULATORS 1 2 3 4 5 M.S. Kennedy Corporation
LM317L_05100 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
CA3094_0030MHz High Output Current Operational Transconductance Amplifier OTA 1 2 3 4 5 MoreIntersil Corporation
NC7SBU3157_05Low Voltage SPDT Analog Switch with 2V Undershoot Protection 1 2 3 4 5 MoreFairchild Semiconductor
LM317M_06500 mA Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl