Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL432ACDBZRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TL432ACDBZRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 56 page TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 1% TL431A, TL432A ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431ACP TL431ACP SC-70 (DCK) Reel of 3000 TL431ACDCKR T4_ SC-70 (DCK) Reel of 250 TL431ACDCKT T4_ SOIC (D) Tube of 75 TL431ACD 431AC SOIC (D) Reel of 2500 TL431ACDR 431AC SOP (PS) Reel of 2000 TL431ACPSR T431A Reel of 3000 TL431ACDBVR TAC_ SOT-23-5 (DBV) Reel of 250 TL431ACDBVT TAC_ SOT-23-5 (DBV) Reel of 3000 TL432ACDBVR T4B_ Reel of 250 TL432ACDBVT T4B_ Reel of 3000 TL431ACDBZR TAC_ SOT-23-3 (DBZ) Reel of 250 TL431ACDBZT TAC_ 0 °C to 70°C SOT-23-3 (DBZ) Reel of 3000 TL432ACDBZR T4B_ 0 C to 70 C Reel of 250 TL432ACDBZT T4B_ SOT-89 (PK) Reel of 1000 TL431ACPK 4A SOT-89 (PK) Reel of 1000 TL432ACPK 2D Bulk of 1000, straight lead TL431ACLP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431ACLPM TL431AC TO-226/TO-92 (LP) Reel of 2000, formed lead TL431ACLPR TL431AC Reel of 2000, formed lead TL431ACLPRE3 TSSOP (PW) Tube of 150 TL431ACPW T431A TSSOP (PW) Reel of 2000 TL431ACPWR T431A † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site. |
Número de pieza similar - TL432ACDBZRG4 |
|
Descripción similar - TL432ACDBZRG4 |