Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS82C84AZ96 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza CS82C84AZ96
Descripción Electrónicos  CMOS Clock Generator Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84AZ96 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CS82C84AZ96 Datasheet HTML 3Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 4Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 5Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 6Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 7Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 8Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 9Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 10Page - Intersil Corporation CS82C84AZ96 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN2974.3
December 6, 2005
Burn-In Circuits
MD82C84A CERDIP
MR82C84A CLCC
NOTES:
VCC = 5.5V ±0.5V, GND = 0V.
VIH = 4.5V ±10%.
VIL = -0.2 to 0.4V.
R1 = 47k
Ω, ±5%.
R2 = 10k
Ω, ±5%.
R3 = 2.2k
Ω, ±5%.
R4 = 1.2k
Ω, ±5%.
C1 = 0.01
µF (minimum).
F0 = 100kHz
±10%.
F1 = F0/2, F2 = F1/2, . . . F12 = F11/2.
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
R2
R2
R1
R1
R1
R1
R1
R2
R2
R2
R2
R1
R2
R2
R2
R2
R2
R1
R1
R1
R3
VCC
C1
VCC
GND
VCC
GND
F11
F1
F10
OPEN
F0
F12
VCC
GND
VCC
GND
VCC
GND
F9
F6
F5
F7
F8
4
5
6
7
8
910 11 12 13
32
1
20 19
15
14
18
17
16
VCC
C1
R4
R4
R4
R4
R4
R4
R4
OPEN
F8
F7
VCC / 2
F5
OPEN
F11
F1
F10
OPEN
82C84A
82C84A


Número de pieza similar - CS82C84AZ96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CS82C84AZ96 RENESAS-CS82C84AZ96 Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
More results

Descripción similar - CS82C84AZ96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
   CMOS CLOCK GENERATOR & DRIVER
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
   CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
   CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
   Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
   CLOCK GENERATOR AND DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com