Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMA3018QFN-EB Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

No. de pieza FMA3018QFN-EB
Descripción Electrónicos  MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FILTRONIC [Filtronic Compound Semiconductors]
Página de inicio  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3018QFN-EB Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3018QFN-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3018QFN-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3018QFN-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3018QFN-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA3018QFN
Preliminary Datasheet v2.1
PACKAGE OUTLINE:
(Dimensions in millimetres – mm)
0.5
0.4
2.75
Bottom View
4±0.05
4±0.05
SLP 24L
4X4
Pin identifier
Top View
0.9
0.5
side View
PREFERRED ASSEMBLY INSTRUCTIONS:
Please
contact
Filtronic
Compound
Semiconductors Ltd for further details.
HANDLING PRECAUTIONS:
To avoid damage to
the
devices
care
should
be
exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions should be observed at all stages of
storage,
handling,
assembly,
and
testing.
These devices should be treated as Class 1A
(0-500 V) as defined in JEDEC Standard No.
22-A114. Further information on ESD control
measures can be found in MIL-STD-1686 and
MIL-HDBK-263.
4
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters
are
available;
please
contact
Filtronic Compound Semiconductors Ltd.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FMA3018QFN-EB
Packaged Balanced MMIC LNA
Evaluation Board


Número de pieza similar - FMA3018QFN-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Descripción similar - FMA3018QFN-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtronic Compound Semi...
FMA3019QFN FILTRONIC-FMA3019QFN Datasheet
127Kb / 4P
   HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com