Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4728A-T Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza 1N4728A-T
Descripción Electrónicos  1.0W ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4728A-T Datasheet(HTML) 2 Page - Diodes Incorporated

  1N4728A-T Datasheet HTML 1Page - Diodes Incorporated 1N4728A-T Datasheet HTML 2Page - Diodes Incorporated 1N4728A-T Datasheet HTML 3Page - Diodes Incorporated 1N4728A-T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS18007 Rev. 16 - 2
2 of 4
1N4728A - 1N4761A
www.diodes.com
Type
Number
Nominal Zener
Voltage (Note 3)
Test
Current
Maximum Zener Impedance
(Note 4)
Maximum Reverse
Leakage Current
Max Surge
Current
8.3ms
Temperature
Coefficient
@ IZT
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
IZS
(V)
(mA)
(W)
(W)
(mA)
(µA)
(V)
(mA)
%/°C
1N4728A
3.3
76
10
400
1.0
100
1.0
1380
-0.08 to -0.05
1N4729A
3.6
69
10
400
1.0
100
1.0
1260
-0.08 to -0.05
1N4730A
3.9
64
9.0
400
1.0
50
1.0
1190
-0.07 to -0.02
1N4731A
4.3
58
9.0
400
1.0
10
1.0
1070
-0.07 to -0.01
1N4732A
4.7
53
8.0
500
1.0
10
1.0
970
-0.03 to +0.04
1N4733A
5.1
49
7.0
550
1.0
10
1.0
890
-0.01 to +0.04
1N4734A
5.6
45
5.0
600
1.0
10
2.0
810
0 to +0.045
1N4735A
6.2
41
2.0
700
1.0
10
3.0
730
+0.01 to +0.055
1N4736A
6.8
37
3.5
700
1.0
10
4.0
660
+0.015 to +0.06
1N4737A
7.5
34
4.0
700
0.5
10
5.0
605
+0.02 to +0.065
1N4738A
8.2
31
4.5
700
0.5
10
6.0
550
0.03 to 0.07
1N4739A
9.1
28
5.0
700
0.5
10
7.0
500
0.035 to 0.075
1N4740A
10
25
7.0
700
0.25
10
7.6
454
0.04 to 0.08
1N4741A
11
23
8.0
700
0.25
5.0
8.4
414
0.045 to 0.08
1N4742A
12
21
9.0
700
0.25
5.0
9.1
380
0.045 to 0.085
1N4743A
13
19
10
700
0.25
5.0
9.9
344
0.05 to 0.085
1N4744A
15
17
14
700
0.25
5.0
11.4
304
0.055 to 0.09
1N4745A
16
15.5
16
700
0.25
5.0
12.2
285
0.055 to 0.09
1N4746A
18
14
20
750
0.25
5.0
13.7
250
0.06 to 0.09
1N4747A
20
12.5
22
750
0.25
5.0
15.2
225
0.06 to 0.09
1N4748A
22
11.5
23
750
0.25
5.0
16.7
205
0.06 to 0.095
1N4749A
24
10.5
25
750
0.25
5.0
18.2
190
0.06 to 0.095
1N4750A
27
9.5
35
750
0.25
5.0
20.6
170
0.06 to 0.095
1N4751A
30
8.5
40
1000
0.25
5.0
22.8
150
0.06 to 0.095
1N4752A
33
7.5
45
1000
0.25
5.0
25.1
135
0.06 to 0.095
1N4753A
36
7.0
50
1000
0.25
5.0
27.4
125
0.06 to 0.095
1N4754A
39
6.5
60
1000
0.25
5.0
29.7
115
0.06 to 0.095
1N4755A
43
6.0
70
1500
0.25
5.0
32.7
110
0.06 to 0.095
1N4756A
47
5.5
80
1500
0.25
5.0
35.8
95
0.06 to 0.095
1N4757A
51
5.0
95
1500
0.25
5.0
38.8
90
0.06 to 0.095
1N4758A
56
4.5
110
2000
0.25
5.0
42.6
80
0.06 to 0.095
1N4759A
62
4.0
125
2000
0.25
5.0
47.1
70
0.06 to 0.095
1N4760A
68
3.7
150
2000
0.25
5.0
51.7
65
0.06 to 0.095
1N4761A
75
3.3
175
2000
0.25
5.0
56.0
60
0.06 to 0.095
Notes:
3. Measured under thermal equilibrium and dc (IZT) test conditions.
4. The Zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to
10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and to eliminate unstable units.
Electrical Characteristics @ TA = 25°C unless otherwise specified


Número de pieza similar - 1N4728A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4728A-G PANJIT-1N4728A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
   Glass passivated chip.
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

Descripción similar - 1N4728A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com