Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ54CA-13-F Datasheet(PDF) 3 Page - Diodes Incorporated |
|
SMAJ54CA-13-F Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 4 page DS19005 Rev. 13 - 2 3 of 4 SMAJ5.0(C)A - SMAJ170(C)A www.diodes.com 10 100 1000 10000 1 10 100 1000 V , STANDOFF VOLTAGE (V) Fig.2 Typical Total Capacitance WM T= 25 C j ° Unidirectional Bidirectional 10 X 1000 Waveform as defined by REA 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve A ° 01 2 3 100 50 0 Peak Value I pp Half Value I /2 pp 10 X 1000 Waveform as defined by R.E.A. t p t, TIME (ms) Fig. 4 Pulse Waveform 0.1 1.0 0.1 10 100 1.0 10 1000 10000 T= 25 C j ° 100 Non Repetitive Pulse Waveform ShowninFig.4 0.0 0.2 0.4 0.6 025 50 75 100 125 150 175 200 T , LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve L ° 0.8 1.0 60Hz Resistive or Inductive Load 0 60 50 40 30 20 10 2 5 10 NUMBER OF CYCLES AT 60Hz Fig. 5 Maximum Non-Repetitive Surge Current 20 50 100 1 Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD) |
Número de pieza similar - SMAJ54CA-13-F |
|
Descripción similar - SMAJ54CA-13-F |