Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N1N5G Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 1N1N5G
Descripción Electrónicos  3.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N1N5G Datasheet(HTML) 3 Page - Diodes Incorporated

  1N1N5G Datasheet HTML 1Page - Diodes Incorporated 1N1N5G Datasheet HTML 2Page - Diodes Incorporated 1N1N5G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS29003 Rev. 6 - 2
3 of 3
1N5400G-1N5408G
www.diodes.com
Ordering Information
Device
Packaging
Shipping
1N5400G-B
DO-201AD
500/Bulk
1N5400G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5401G-B
DO-201AD
500/Bulk
1N5401G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5402G-B
DO-201AD
500/Bulk
1N5402G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5403G-B
DO-201AD
500/Bulk
1N5403G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5404G-B
DO-201AD
500/Bulk
1N5404G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5405G-B
DO-201AD
500/Bulk
1N5405G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5406G-B
DO-201AD
500/Bulk
1N5406G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5407G-B
DO-201AD
500/Bulk
1N5407G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5408G-B
DO-201AD
500/Bulk
1N5408G-T
DO-201AD
1.2K/Tape & Reel, 13-inch
(Note 5)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Número de pieza similar - 1N1N5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N100 MICROSEMI-1N100 Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
logo
List of Unclassifed Man...
1N100 ETC-1N100 Datasheet
70Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N100 ETC-1N100 Datasheet
2Mb / 78P
   GOLD BONDED DIODES
logo
American Microsemicondu...
1N100 AMMSEMI-1N100 Datasheet
442Kb / 1P
   MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
More results

Descripción similar - 1N1N5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_15 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
1N5400G DIODES-1N5400G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com