Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N485B Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N485B
Descripción Electrónicos  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N485B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N485B Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN DATA
Case: Hermetically sealed glass package per MIL-
PRF-19500/118 DO-7 outline
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Marking: Blue body coat, black digits
Polarity: Cathode end is banded
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +175°C
Storage Temperature:
-65
°C to +175°C
Surge Current, sine, 8.3mS:
2A
Total Power Dissipation, 25
°C:
500mW
Power Derating Factor, 25
°C:
3mW/
°C
Max. Operating Current, 25
°C:
200mA
Derating Factor:
1.2mA/
°C above T
A= +25°C
Max. Operating Current, 150
°C:
50mA
Derating Factor:
1.0mA/
°C above T
A= +150°C
D.C. Reverse Voltage (VRWM):
180 V
FEATURES
• 1N485B AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/118
• SWITCHING DIODE
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
• ALSO AVAILABLE AS 1N485 & 1N485A
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
V (dc)
Min
µA
Max
µA
25
100
0.8
1.0
25
180
-
0.025
-55
100
-
1.2
25
200
-
100
150
180
-
5.0
WWW.MICROSEMI.COM
1N485B


Número de pieza similar - 1N485B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N485B CDI-DIODE-1N485B Datasheet
68Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
1N485B MICROSEMI-1N485B Datasheet
57Kb / 1P
   High Conductance DO-35 Diodes
1N485B MICROSEMI-1N485B Datasheet
45Kb / 2P
   GENERAL PURPOSE SILICON DIODES
1N485B MICROSEMI-1N485B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
logo
List of Unclassifed Man...
1N485B ETC1-1N485B Datasheet
266Kb / 6P
   silicon diode
More results

Descripción similar - 1N485B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com