Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT46W-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza BAT46W-7-F
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT46W-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT46W-7-F Datasheet HTML 1Page - Diodes Incorporated BAT46W-7-F Datasheet HTML 2Page - Diodes Incorporated BAT46W-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30044 Rev. 14 - 2
1 of 3
BAT46W
www.diodes.com
ã Diodes Incorporated
BAT46W
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Mechanical Data
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Forward Continuous Current (See figure 4)
IF
150
mA
Repetitive Peak Forward Current (Note 1)
@ tp < 1.0s, Duty Cycle < 50%
IFRM
350
mA
Forward Surge Forward Current (Note 1)
@ tp = 10ms
IFSM
750
mA
Power Dissipation
Pd
200
mW
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Part mounted on Polymide board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration test pulse used to minimize self-heating effect.
4. No purposefully added lead.
·
High Breakdown Voltage
·
Low Turn-on Voltage
·
Guard Ring Construction for Transient Protection
·
Lead Free/RoHS Compliant Version (Note 4)
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
100
V
IR = 100mA
Forward Voltage
VF
0.25
0.45
1.00
V
IF = 0.1mA
IF = 10mA
IF = 250mA
Peak Reverse Current (Note 3)
IR
0.3
5.0
0.5
7.5
1.0
15
2.0
20
m
A
VR = 1.5V
VR = 1.5V, Tj = 60°C
VR = 10V
VR = 10V, Tj = 60°C
VR = 50V
VR = 50V, Tj = 60°C
VR = 75V
VR = 75V, Tj = 60°C
Total Capacitance
CT
20
12
pF
VR = 0V, f = 1.0MHz
VR = 1.0V, f = 1.0MHz
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe)
·
Polarity: Cathode Band
·
Marking: Date Code & Type Code, See Page 3
·
Type Code: L6
·
Ordering Information: See Page 3
·
Weight: 0.01 grams (approximate)
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
E
0.45
0.65
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
a
All Dimensions in mm
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient Air (Note 1)
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
420
370
°
C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
A
B
C
D
E
G
H
J
Lead-free
SPICE MODEL: BAT46W


Número de pieza similar - BAT46W-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT46W-7-F DIODES-BAT46W-7-F Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 16 - 2
BAT46W-7-F DIODES-BAT46W-7-F Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAT46W-7-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com