Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2044BDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2044BDRG4
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2044BDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2044BDRG4 Datasheet HTML 1Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 2Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 3Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 4Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 5Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 6Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 7Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 8Page - Texas Instruments TPS2044BDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2041B
,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514G – APRIL 2004 – REVISED OCTOBER 2006
MIN
MAX
UNIT
Input voltage, VI(IN), VI(INx)
2.7
5.5
V
Input voltage, VI(EN), VI(ENx), VI(EN), VI(ENx)
0
5.5
V
Continuous output current, IO(OUT), IO(OUTx)
0
500
mA
Operating virtual junction temperature, TJ
-40
125
°C
over recommended operating junction temperature range, V
I(IN) = 5.5 V, IO = 0.5 A, VI(/ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP MAX
UNIT
POWER SWITCH
Static drain-source on-state
D and DGN packages
70
135
VI(IN) = 5 V or 3.3 V, IO = 0.5 A,
resistance, 5-V operation
m
-40°C
≤ T
J ≤ 125°C
DBV package only
95
140
and 3.3-V operation
rDS(on)
Static drain-source on-state
VI(IN) = 2.7 V, IO = 0.5 A,
resistance, 2.7-V
D and DGN packages
75
150
m
-40°C
≤ T
J ≤ 125°C
operation(2)
VI(IN) = 5.5 V
0.6
1.5
tr(2)
Rise time, output
VI(IN) = 2.7 V
0.4
1
CL = 1 µF,
TJ = 25°C
ms
RL = 10 Ω
VI(IN) = 5.5 V
0.05
0.5
tf(2)
Fall time, output
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN AND ENx
VIH
High-level input voltage
2.7 V
≤ V
I(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ V
I(IN) ≤ 5.5 V
0.8
II
Input current
VI(ENx) = 0 V or 5.5 V
-0.5
0.5
µA
ton(2)
Turnon time
CL = 100 µF, RL = 10 Ω
3
ms
toff(2)
Turnoff time
CL = 100 µF, RL = 10 Ω
10
CURRENT LIMIT
TJ = 25°C
0.75
1
1.25
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
A
device enabled into short-circuit
-40°C
≤ T
J ≤ 125°C
0.7
1
1.3
SUPPLY CURRENT (TPS2041B, TPS2051B)
TJ = 25°C
0.5
1
No load on OUT, VI(ENx) = 5.5 V,
Supply current, low-level output
µA
or VI(ENx) = 0 V
-40°C
≤ T
J ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT, VI(ENx) = 0 V,
Supply current, high-level output
µA
or VI(ENx) = 5.5 V
-40°C
≤ T
J ≤ 125°C
43
70
OUT connected to ground, VI(ENx) = 5.5 V,
Leakage current
-40°C
≤ T
J ≤ 125°C
1
µA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground(2)
TJ = 25°C
0
µA
SUPPLY CURRENT (TPS2042B, TPS2052B)
TJ = 25°C
0.5
1
Supply current, low-level output
No load on OUT, VI(ENx) = 5.5 V
µA
-40°C
≤ T
J ≤ 125°C
0.5
5
TJ = 25°C
50
70
Supply current, high-level output
No load on OUT, VI(ENx) = 0 V
µA
-40°C
≤ T
J ≤ 125°C
50
90
Leakage current
OUT connected to ground, VI(ENx) = 5.5 V
-40°C
≤ T
J ≤ 125°C
1
µA
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground(2)
TJ = 25°C
0.2
µA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Not tested in production, specified by design.
3
Submit Documentation Feedback


Número de pieza similar - TPS2044BDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2044BDRG4 TI-TPS2044BDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044BDRG4 TI-TPS2044BDRG4 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2044BDRG4 TI1-TPS2044BDRG4 Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2044BDRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com