Nombre de pieza
         Descripción
ICL7621_01

 Dual, Low Power CMOS Operational Amplifiers ( 7 Page)


INTERSIL
100% 
Zoom Out Zoom In
   
 6 page
background image
6
FIGURE 12. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 13. COMMON MODE REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 14. POWER SUPPLY REJECTION RATIO vs FREE-AIR
TEMPERATURE
FIGURE 15. EQUIVALENT INPUT NOISE VOLTAGE vs
FREQUENCY
FIGURE 16. OUTPUT VOLTAGE vs FREQUENCY
FIGURE 17. OUTPUT SINK CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
107
106
104
103
102
10
1
105
0.1
1.0
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
TA =25
oC
VSUPPLY =15V
IQ =100µA
-50
-25
0
25
50
75
100
125
FREE-AIR TEMPERATURE (oC)
-75
105
100
95
90
85
80
75
70
VSUPPLY =10V
IQ = 100µA
100
95
90
85
80
75
70
65
-50
-25
0
25
50
75
100
125
-75
FREE-AIR TEMPERATURE (oC)
IQ = 100µA
VSUPPLY =10V
600
500
400
300
200
100
0
10
100
1K
10K
100K
FREQUENCY (Hz)
TA =25
oC
3V
≤ VSUPPLY ≤ 16V
16
14
12
10
8
6
4
2
0
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
VSUPPLY
=
±8V
VSUPPLY
=
±5V
VSUPPLY
=
±2V
IQ = 100µA
TA =25
oC
0.01
0.1
1.0
10
0
2
4
6
810
12
1416
SUPPLY VOLTAGE (V)
IQ = 100µA
ICL7621
1  2  3  4  5  6  7 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AP358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreDiodes Incorporated
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
AS358LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ358_06LOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
ICL7611_061.4MHz Low Power CMOS Operational Amplifiers 1 2 3 4 5 MoreIntersil Corporation
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown Corporation
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor
AS324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM2904W_06Low power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
AD8613Low Cost Micropower Low Noise CMOS Rail-to- Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl