Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZY7120LG-T2 Datasheet(PDF) 9 Page - Power-One |
|
ZY7120LG-T2 Datasheet(HTML) 9 Page - Power-One |
9 / 34 page ZY7120 20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input • 0.5V to 5.5V Output 60 65 70 75 80 85 90 95 3456 7 8 9 10 11 12 Input Voltage, V Vout=0.5V Vout=1.2V Vout=2.5V Figure 6. Efficiency vs. Input Voltage. Iout=20A, Fsw=500kHz 89 90 91 92 93 94 95 96 0 2 4 6 8 10 12 14 16 18 20 Output Current, A Fsw=500kHz Fsw=750kHz Fsw=1,000kHz Figure 7. Efficiency vs. Load. Vin=3.3V, Vout=2.5V 78 79 80 81 82 83 84 85 86 87 88 89 90 0 2 4 6 8 101214 16 1820 Output Current, A Fsw=500kHz Fsw=750kHz Fsw=1,000kHz Figure 8. Efficiency vs. Load. Vin=5V, Vout=1.2V 82 83 84 85 86 87 88 89 90 91 92 93 94 02 46 8 10 12 14 16 18 20 Output Current, A Fsw=500kHz Fsw=750kHz Fsw=1,000kHz Figure 9. Efficiency vs. Load. Vin=12V, Vout=5V REV. 2.1 MAR 14, 2007 www.power-one.com Page 9 of 34 |
Número de pieza similar - ZY7120LG-T2 |
|
Descripción similar - ZY7120LG-T2 |