Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZY7120LG-Q1 Datasheet(PDF) 10 Page - Power-One

No. de pieza ZY7120LG-Q1
Descripción Electrónicos  20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7120LG-Q1 Datasheet(HTML) 10 Page - Power-One

Back Button ZY7120LG-Q1 Datasheet HTML 6Page - Power-One ZY7120LG-Q1 Datasheet HTML 7Page - Power-One ZY7120LG-Q1 Datasheet HTML 8Page - Power-One ZY7120LG-Q1 Datasheet HTML 9Page - Power-One ZY7120LG-Q1 Datasheet HTML 10Page - Power-One ZY7120LG-Q1 Datasheet HTML 11Page - Power-One ZY7120LG-Q1 Datasheet HTML 12Page - Power-One ZY7120LG-Q1 Datasheet HTML 13Page - Power-One ZY7120LG-Q1 Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ZY7120 20A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
82
83
84
85
86
87
88
89
90
91
92
93
94
500
750
1000
Switching Frequency, kHz
Vin=3.3V, Vout=2.5V
Vin=5V, Vout=1.2V
Vin=12V, Vout=5V
Figure 10. Efficiency vs. Switching Frequency. Iout=20A
5.2
Turn-On Characteristics
Figure 11. Tracking Turn-On. Rising Slew Rate is
Programmed at 0.5V/ms.
Vin=12V, Ch1 – V1, Ch2 – V2, Ch3 – V3
Figure 12. Turn-On with Different Rising Slew Rates.
Rising Slew Rates are Programmed as follows: V1-
1V/ms, V2-0.5V/ms, V3-0.2V/ms.
Vin=12V, Ch1 – V1, Ch2 – V2, Ch3 – V3
Figure 13. Sequenced Turn-On. Rising Slew Rate is
Programmed at 1V/ms. V2 Delay is 2ms, V3 delay
is 4ms. Vin=12V, Ch1 – V1, Ch2 – V2, Ch3 – V3
REV. 2.1 MAR 14, 2007
www.power-one.com
Page 10 of 34


Número de pieza similar - ZY7120LG-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY7.5 CDIL-ZY7.5 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY7.5 EIC-ZY7.5 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY7.5 VISHAY-ZY7.5 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

Descripción similar - ZY7120LG-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com