Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74GTLP817 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74GTLP817
Descripción Electrónicos  GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP817 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74GTLP817 Datasheet HTML 6Page - Texas Instruments SN74GTLP817 Datasheet HTML 7Page - Texas Instruments SN74GTLP817 Datasheet HTML 8Page - Texas Instruments SN74GTLP817 Datasheet HTML 9Page - Texas Instruments SN74GTLP817 Datasheet HTML 10Page - Texas Instruments SN74GTLP817 Datasheet HTML 11Page - Texas Instruments SN74GTLP817 Datasheet HTML 12Page - Texas Instruments SN74GTLP817 Datasheet HTML 13Page - Texas Instruments SN74GTLP817 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
Switching Characteristics
SN74GTLP817
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SCES285E – OCTOBER 1999 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTLP (see Figure 3)
FROM
TO
PARAMETER
EDGE RATE(1)
TYP(2)
UNIT
(INPUT)
(OUTPUT)
tPLH
4.4
AI
BO
Slow
ns
tPHL
4.4
tPLH
3.2
AI
BO
Fast
ns
tPHL
3.2
ten
4
OEAB
BO
Slow
ns
tdis
4.4
ten
2.9
OEAB
BO
Fast
ns
tdis
3.1
Slow
1.8
tr
Rise time, B outputs (20% to 80%)
ns
Fast
1
Slow
2
tf
Fall time, B outputs (80% to 20%)
ns
Fast
1.6
(1)
Slow (ERC = VCC) and Fast (ERC = GND)
(2)
All typical values are at VCC = 3.3 V, TA = 25°C. All values are derived from TI-SPICE models.
10


Número de pieza similar - SN74GTLP817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results

Descripción similar - SN74GTLP817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com