Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV040B-70JC Datasheet(PDF) 10 Page - Advanced Micro Devices

No. de pieza AM29LV040B-70JC
Descripción Electrónicos  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B-70JC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV040B-70JC Datasheet HTML 6Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 7Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 8Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 9Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 10Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 11Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 12Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 13Page - Advanced Micro Devices AM29LV040B-70JC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
Am29LV040B
21354E4 October 11, 2006
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus
operations, the inputs and control levels they require,
and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1.
Am29LV040B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A18–A0.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to Figure 11 for the timing diagram. ICC1 in the
DC Characteristics table represents the active current
specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are
required to program a byte, instead of four. The “Byte
Program Command Sequence” section has details on
programming data to the device using both standard
and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2 indicates the address
space that each sector occupies. A “sector address”
consists of the address bits required to uniquely select
a sector. The “Command Definitions” section has
details on erasing a sector or the entire chip, or sus-
pending/resuming the erase operation.
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the
internal register (which is separate from the memory
array) on DQ7–DQ0. Standard read cycle timings apply
Operation
CE#
OE#
WE#
Addresses (Note 1)
DQ0–DQ7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
Standby
VCC ± 0.3 V
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Reset
X
X
X
X
High-Z
Sector Protect (Note 2)
L
H
L
Sector Address, A6 = L, A1 = H, A0 = L
DIN, DOUT
Sector Unprotect (Note 2)
L
H
L
Sector Address, A6 = H, A1 = H, A0 = L
DIN, DOUT
Temporary Sector Unprotect
X
X
X
AIN
DIN


Número de pieza similar - AM29LV040B-70JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040BB-120EC AMD-AM29LV040BB-120EC Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040BB-120ECB AMD-AM29LV040BB-120ECB Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040BB-120EE AMD-AM29LV040BB-120EE Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040BB-120EEB AMD-AM29LV040BB-120EEB Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
More results

Descripción similar - AM29LV040B-70JC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV104B AMD-AM29LV104B Datasheet
39Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV020B AMD-AM29LV020B Datasheet
39Kb / 7P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com