Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L640DU21RF Datasheet(PDF) 6 Page - Advanced Micro Devices |
|
L640DU21RF Datasheet(HTML) 6 Page - Advanced Micro Devices |
6 / 57 page 4 Am29LV640D/Am29LV641D 22366C6 January 22, 2007 D A TA SH EET PRODUCT SELECTOR GUIDE Note: See “AC Characteristics” for full specifications. BLOCK DIAGRAM Notes: 1. RY/BY# is only available in the FBGA package. 2. WP# is only available in the TSOP and SSOP packages. Part Number Am29LV640D/Am29LV641D Speed Option VCC = 3.0–3.6 V, VIO = 3.0–5.0 V 90R 120R VCC = 3.0–3.6 V, VIO = 1.8–2.9 V 121R Max Access Time (ns) 90 120 CE# Access Time (ns) 90 120 OE# Access Time (ns) 35 50 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register V CC V SS WE# WP# (Note 2) ACC CE# OE# STB STB DQ0 –DQ15 Sector Switches RY/BY# (Note 1) RESET# Data Latch Y-Gating Cell Matrix A0–A21 V IO |
Número de pieza similar - L640DU21RF |
|
Descripción similar - L640DU21RF |