Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KD2002-DC10A Datasheet(PDF) 2 Page - Rohm |
|
KD2002-DC10A Datasheet(HTML) 2 Page - Rohm |
2 / 4 page KD2002-DC10A Printheads 2/3 Equivalent circuit VH LATCH REGISTER THERMISTOR 30k Ω B: 3950K Fig. 1 CONNECTOR #448 #193 #192 #1 GND VSF VDD /LAT N.C. CLK DI2 DO2 DI1 STB2 STB1 SHIFT REGISTER SHIFT REGISTER DO1 TM TM DOT #448 DOT #1 DI No. DI1 1 to 193 to 192 448 DI2 DOT No. STB No. STB1 1 to 193 to 192 448 STB2 DOT No. L/S VSF : Usually VSF and VH are connected. When measuring R value of Heat- element , VSF and VH should be separated. Pin assignments TM TM DI1 DO1 N.C. N.C. N.C. N.C. N.C. N.C. VH VH GND GND 11 12 13 14 15 16 17 18 19 20 No. Circuit No. 1 2 3 4 Circuit GND VSF GND VDD STB2 CLK DI2 DO2 STB1 LAT No. 1 2 3 4 5 6 7 8 9 10 Circuit CONNECTOR A CONNECTOR B |
Número de pieza similar - KD2002-DC10A |
|
Descripción similar - KD2002-DC10A |