Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29BDD160GT17CKI Datasheet(PDF) 11 Page - Advanced Micro Devices

No. de pieza AM29BDD160GT17CKI
Descripción Electrónicos  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT17CKI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BDD160GT17CKI Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160GT17CKI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
June 7, 2006
Am29BDD160G
9
PIN CONFIGURATION
A–1
= Least significant address bit for the 16-bit
data bus, and selects between the high
and low word. A –1 is not used for the
32-bit mode (WORD# = V
IH).
A0–A18
= 19-bit address bus for 16 Mb device. A9
supports 12 V autoselect inputs.
DQ0–DQ31= 32-bit data inputs/outputs/float
WORD#
= Selects 16-bit or 32-bit mode. When
WORD# = V
IH, data is output on
DQ31–DQ0. When WORD# = VIL, data is
output on DQ15–DQ0.
CE#
= Chip Enable Input. This signal is asynchro-
nous relative to CLK for the burst mode.
OE#
= Output Enable Input. This signal is asyn-
chronous relative to CLK for the burst
mode.
WE#
=
Write enable. This signal is asynchronous
relative to CLK for the burst mode.
V
SS
= Device ground
NC
= Pin not connected internally
RY/BY#
= Ready/Busy output and open drain. When
RY/BY# = VIH, the device is ready to ac-
cept read operations and commands.
When RY/BY# = V
OL, the device is either
executing an embedded algorithm or the
device is executing a hardware reset oper-
ation.
CLK
= Clock Input that can be tied to the system
or microprocessor clock and provides the
fundamental timing and internal operating
frequency.
ADV#
= Load Burst Address input. Indicates that
the valid address is present on the address
inputs.
IND#
= End of burst indicator for finite bursts only.
IND is low when the last word in the burst
sequence is at the data outputs.
WAIT#
= Provides data valid feedback only when
the burst length is set to continuous.
WP#
= Write Protect input. When WP# = VOL, the
two outermost bootblock sector in the 75%
bank are write protected regardless of
other sector protection configurations.
ACC
= Acceleration input. When taken to 12 V,
program and erase operations are acceler-
ated. When not used for acceleration, ACC
= V
SS to VCC.
V
IO (VCCQ)=
Output Buffer Power Supply (1.65 V to
2.75 V)
V
CC
= Chip Power Supply (2.5 V to 2.75 V)
RESET#
= Hardware reset input
LOGIC SYMBOLS
x16 Mode
x32 Mode
20
16
DQ0–DQ15
A-1 to A18
CLK
RY/BY#
IND/WAIT#
CE#
OE#
WE#
RESET#
ADV#
ACC
WP#
V
IO (VCCQ)
WORD#
19
32
DQ0–DQ31
A0–A18
CLK
RY/BY#
IND/WAIT#
CE#
OE#
WE#
RESET#
ADV#
ACC
WP#
V
IO (VCCQ)
WORD#


Número de pieza similar - AM29BDD160GT17CKI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29BDD160GT54D AMD-AM29BDD160GT54D Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT64C AMD-AM29BDD160GT64C Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT65A AMD-AM29BDD160GT65A Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Descripción similar - AM29BDD160GT17CKI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com