Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29F400BT-120SF0 Datasheet(PDF) 9 Page - Advanced Micro Devices |
|
AM29F400BT-120SF0 Datasheet(HTML) 9 Page - Advanced Micro Devices |
9 / 43 page November 1, 2006 21505E5 Am29F400B 7 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F400B T -45 E C OPTIONAL PROCESSING Blank = Standard Processing 0= VCC = 5.0 V ± 10%, 55 ns device only (Contact an AMD representative for more information) TEMPERATURE RANGE C = Commercial (0°C to +70°C) D = Commercial (0°C to +70°C) with Pb-Free Package I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-Free Package E = Extended (–55 °C to +125°C) K = Extended (–55 °C to +125°C) with Pb-free Package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) S = 44-Pin Small Outline Package (SO 044) This device is also available in Known Good Die (KGD) form. See publication number 21258 for more information. SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29F400B 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program and Erase Valid Combinations Voltage Range AM29F400BT-45, AM29F400BB-45, EC, ED, EI, EF, SC, SD, SI, SF 5.0 V ± 5% AM29F400BT-50, AM29F400BB-50 EC, ED, EI, EF, EE, EK SC, SD, SI, SF, SE, SK AM29F400BT-55, AM29F400BB-55 AM29F400BT-55, AM29F400BB-55 EC0, ED0, EI0, EF0, EE0, EK0, SC0, SD0, SI0, SF0, SE0, SK0 5.0 V ± 10% AM29F400BT-70, AM29F400BB-70 EC, ED, EI, EF, EE, EK SC, SD, SI, SF, SE, SK AM29F400BT-90, AM29F400BB-90 AM29F400BT-120, AM29F400BB-120 |
Número de pieza similar - AM29F400BT-120SF0 |
|
Descripción similar - AM29F400BT-120SF0 |