Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM41PDS3224DB11IT Datasheet(PDF) 6 Page - Advanced Micro Devices |
|
AM41PDS3224DB11IT Datasheet(HTML) 6 Page - Advanced Micro Devices |
6 / 59 page May 13, 2002 Am41PDS3224D 5 P R E L IMINARY PRODUCT SELECTOR GUIDE MCP BLOCK DIAGRAM Part Number Am41PDS3224D Speed Options Standard Voltage Range: VCC = 1.8–2.2 V Flash Memory SRAM 10 11 10, 11 Max Access Time (ns) 100 110 70 CE# Access (ns) 100 110 70 OE# Access (ns) 35 40 35 Max Page Address Access Time (ns) 40 45 N/A VSS/VSSQ VCCs/VCCQ RESET# WE# CE#f OE# CE1#s VSS VCCf RY/BY# LB#s UB#s WP#/ACC CE2s SA CIOs 4 M Bit Static RAM 32 M Bit Flash Memory DQ15 to DQ0 DQ15 to DQ0 DQ15 to DQ0 A20 to A0 A0 to A19 A17 to A0 A20 to A0 |
Número de pieza similar - AM41PDS3224DB11IT |
|
Descripción similar - AM41PDS3224DB11IT |