Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV200BT-90DTI Datasheet(PDF) 5 Page - Advanced Micro Devices

No. de pieza AM29LV200BT-90DTI
Descripción Electrónicos  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BT-90DTI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV200BT-90DTI Datasheet HTML 1Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BT-90DTI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
November 18, 2003
Am29LV200B Known Good Die
5
SU PP L E ME NT
PAD DESCRIPTION (RELATIVE TO VCC)
Note: The coordinates above are relative to the center of pad 1 and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
0.00
0.00
0.00
0.00
2
DQ4
–12.10
0.00
–0.31
0.00
3
DQ12
–18.00
0.00
–0.46
0.00
4
DQ5
–23.90
0.00
–0.61
0.00
5
DQ13
–29.80
0.00
–0.76
0.00
6
DQ6
–35.60
0.00
–0.90
0.00
7
DQ14
–41.50
0.00
–1.05
0.00
8
DQ7
–47.40
0.00
–1.20
0.00
9
DQ15/A–1
–53.30
0.00
–1.35
0.00
10
VSS
–62.70
–1.50
–1.59
–0.04
11
BYTE#
–62.70
–11.60
–1.59
–0.29
12
A16
–62.70
–21.70
–1.59
–0.55
13
A15
–62.40
–112.50
–1.58
–2.86
14
A14
–55.00
–112.50
–1.40
–2.86
15
A13
–49.60
–112.50
–1.26
–2.86
16
A12
–43.80
–112.50
–1.11
–2.86
17
A11
–38.40
–112.50
–0.98
–2.86
18
A10
–32.50
–112.50
–0.83
–2.86
19
A9
–27.10
–112.30
–0.69
–2.85
20
A8
–21.20
–112.50
–0.54
–2.86
21
WE#
–15.70
–112.50
–0.40
–2.86
22
RESET#
–6.20
–116.30
–0.16
–2.95
23
RY/BY#
11.10
–116.30
0.28
–2.95
24
Not Connected
N/A
N/A
N/A
N/A
25
A7
28.90
–112.50
0.73
–2.86
26
A6
34.30
–112.50
0.87
–2.86
27
A5
40.20
–112.50
1.02
–2.86
28
A4
45.60
–112.50
1.16
–2.86
29
A3
51.40
–112.50
1.31
–2.86
30
A2
56.80
–112.50
1.44
–2.86
31
A1
64.20
–112.50
1.63
–2.86
32
A0
64.50
–21.90
1.64
–0.56
33
CE#
64.50
–11.80
1.64
–0.30
34
VSS
64.50
–1.70
1.64
–0.04
35
OE#
55.10
0.90
1.40
0.02
36
DQ0
47.50
0.00
1.21
0.00
37
DQ8
41.60
0.00
1.06
0.00
38
DQ1
35.80
0.00
0.91
0.00
39
DQ9
29.80
0.00
0.76
0.00
40
DQ2
24.00
0.00
0.61
0.00
41
DQ10
18.10
0.00
0.46
0.00
42
DQ3
12.30
0.00
0.31
0.00
43
DQ11
6.30
0.00
0.16
0.00


Número de pieza similar - AM29LV200BT-90DTI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV200BT-90EC AMD-AM29LV200BT-90EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90EC AMD-AM29LV200BT-90EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90ECB AMD-AM29LV200BT-90ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90ED AMD-AM29LV200BT-90ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90EE AMD-AM29LV200BT-90EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Descripción similar - AM29LV200BT-90DTI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com