Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV160BB-120EKB Datasheet(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV160BB-120EKB Datasheet(HTML) 11 Page - Advanced Micro Devices |
11 / 54 page Am29LV160B 9 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV160B T -70R E C OPTIONAL PROCESSING Blank =Standard Processing B=Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C =Commercial (0°C to +70°C) D =Commercial (0°C to +70°C) with Pb-free package I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-free package E =Extended (–55 °C to +125°C) K =Extended (–55 °C to +125°C) with Pb-free package PACKAGE TYPE E =48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F =48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S =44-Pin Small Outline Package (SO 044) WC =48-ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 8 x 9 mm package (FBC048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector DEVICE NUMBER/DESCRIPTION Am29LV160B 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program and Erase Valid Combinations For TSOP and SO Packages AM29LV160BT-70R, AM29LV160BB-70R EC, FC, SC, ED, SD AM29LV160BT-80, AM29LV160BB-80 EC, EI, EE, ED, EF, EK FC, FI, FE, SC, SI, SE, SD, SF, SK AM29LV160BT-90, AM29LV160BB-90 AM29LV160BT-120, AM29LV160BB-120 Valid Combinations for FBGA Packages Order Number Package Marking AM29LV160BT-70R, AM29LV160BB-70R WCC, WCD L160BT70R, L160BB70R C, D AM29LV160BT-80, AM29LV160BB-80 WCC, WCI, WCE, WCD, WCF, WCK L160BT80V, L160BB80V C, I, E, D, F, K AM29LV160BT-90, AM29LV160BB-90 L160BT90V, L160BB90V AM29LV160BT-120, AM29LV160BB-120 L160BT12V, L160BB12V |
Número de pieza similar - AM29LV160BB-120EKB |
|
Descripción similar - AM29LV160BB-120EKB |