Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM49DL324BGT85S Datasheet(PDF) 10 Page - Advanced Micro Devices |
|
AM49DL324BGT85S Datasheet(HTML) 10 Page - Advanced Micro Devices |
10 / 64 page July 19, 2002 Am49DL32xBG 9 P R E L I M I NARY ORDERING INFORMATION The order number (Valid Combination) is formed by the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations. Am49DL32x B G T 70 I T TAPE AND REEL T= 7 inches S = 13 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) SPEED OPTION See “Product Selector Guide” on page 5. BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector PROCESS TECHNOLOGY G = 0.17 µm PSEUDO SRAM DEVICE DENSITY B= 32 Mbits AMD DEVICE NUMBER/DESCRIPTION Am49DL32xBG Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29DL32xG 32Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) Pseudo Static RAM with Page Mode Valid Combinations Order Number Package Marking Am49DL322BGT70 T,S M49000000J Am49DL322BGT85 T,S M49000000K Am49DL322BGB70 T,S M49000000L Am49DL322BGB85 T,S M49000000M Am49DL323BGT70 T,S M49000000N Am49DL323BGT85 T,S M49000000O Am49DL323BGB70 T,S M49000000P Am49DL323BGB85 T,S M49000000Q Am49DL324BGT70 T,S M49000000R Am49DL324BGT85 T,S M49000000S Am49DL324BGB70 T,S M49000000T Am49DL324BGB85 T,S M49000000U |
Número de pieza similar - AM49DL324BGT85S |
|
Descripción similar - AM49DL324BGT85S |