Nombre de pieza
         Descripción
6N138_07

 Low Input Current High Gain Split Darlington Optocouplers ( 15 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 6 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.3
6
Electrical Characteristics (TA = 25°C unless otherwise specified)
Current Limiting Resistor Calculations
R1 (Non-Invert) = VDD1 - VDF - VOL1
IF
R1 (Invert) = VDD1 - VOH1 - VDF
IF
R2 = VDD2 - = VOLX (@ IL - I2)
IL
Where:
VDD1 - Input Supply Voltage
VDD2 - Output Supply Voltage
VDF - Diode Forward Voltage
VOL1 - Logic “0” Voltage of Driver
VOH1 - Logic “1” Voltage of Driver
IF - Diode Forward Current
VOLX - Saturation Voltage of
Output Transistor
IL - Load Current Through
Resistor R2
I2 - Input Current of Output Gate
3
4
2
1
6
5
7
8
2
R
1
R
IN
OUT
VDD1
DD2
V
IN
4
3
2
5
6
7
R2
OUT
1
8
DD2
V
R1
Fig. 2 Non-Inverting Logic Interface
Fig. 3 Inverting Logic Interface
INPUT
R1 (V)
OUTPUT
CMOS
@ 5V
CMOS
@ 10V
74XX
74LXX
74SXX
74LSXX
74HXX
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
CMOS
@ 5V
NON-INV. 2000
1000
2200
750
1000
1000
1000
560
INV.
510
CMOS
@ 10V
NON-INV. 5100
INV.
4700
74XX
NON-INV. 2200
INV.
180
74LXX
NON-INV. 1800
INV.
100
74SXX
NON-INV. 2000
INV.
360
74LSXX NON-INV. 2000
INV.
180
74HXX
NON-INV. 2000
INV.
180
Fig. 1 Resistor Values for Logic Interface
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HCPL-0700LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
6N138_06Low Input Current High Gain Split Darlington Optocouplers 1 2 3 4 5 MoreFairchild Semiconductor
HCPL-0700_05LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
PS2815-1LOW AC INPUT CURRENT HIGH CTR 4 16-PIN SSOP PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2503-1LOW INPUT CURRENT HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreNEC
PS2811-1LOW INPUT CURRENT HIGH CTR 4 16-PIN SSOP PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
S8550LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 1 2 Unisonic Technologies
STX790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
2STF2220High Gain Low Voltage PNP Power Transistor 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl