Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC520 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74AC520
Descripción Electrónicos  8-Bit Identity Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC520 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC520 Datasheet HTML 1Page - Fairchild Semiconductor 74AC520 Datasheet HTML 2Page - Fairchild Semiconductor 74AC520 Datasheet HTML 3Page - Fairchild Semiconductor 74AC520 Datasheet HTML 4Page - Fairchild Semiconductor 74AC520 Datasheet HTML 5Page - Fairchild Semiconductor 74AC520 Datasheet HTML 6Page - Fairchild Semiconductor 74AC520 Datasheet HTML 7Page - Fairchild Semiconductor 74AC520 Datasheet HTML 8Page - Fairchild Semiconductor 74AC520 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC520, 74ACT520 Rev. 1.4
74AC520, 74ACT520
8-Bit Identity Comparator
Features
Compares two 8-bit words in 6.5ns typ.
Expandable to any word length
20-pin package
Outputs source/sink 24mA
ACT520 has TTL-compatible inputs
General Description
The AC/ACT520 are expandable 8-bit comparators.
They compare two words of up to eight bits each and
provide a LOW output when the two words match bit for
bit. The expansion input IA = B also serves as an active
LOW enable input.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Note:
1. A0 = B0, A1 = B1, A2 = B2, etc.
Order
Number
Package
Number
Package Description
74AC520SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACT520SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACT520SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT520PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
A0–A7
Word A Inputs
B0–B7
Word B Inputs
TA = B
Expansion or Enable Input
OA = B
Identity Output
Inputs
Outputs
IA = B
A, B
OA = B
LA
= B(1)
L
LA
≠ BH
HA
= B(1)
H
HA
≠ BH
FACT™ is a trademark of Fairchild Semiconductor Corporation
.


Número de pieza similar - 74AC520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520PC FAIRCHILD-74AC520PC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520SC FAIRCHILD-74AC520SC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results

Descripción similar - 74AC520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com