Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5314IN Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL5314IN
Descripción Electrónicos  Direct Digital Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5314IN Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL5314IN Datasheet HTML 6Page - Intersil Corporation ISL5314IN Datasheet HTML 7Page - Intersil Corporation ISL5314IN Datasheet HTML 8Page - Intersil Corporation ISL5314IN Datasheet HTML 9Page - Intersil Corporation ISL5314IN Datasheet HTML 10Page - Intersil Corporation ISL5314IN Datasheet HTML 11Page - Intersil Corporation ISL5314IN Datasheet HTML 12Page - Intersil Corporation ISL5314IN Datasheet HTML 13Page - Intersil Corporation ISL5314IN Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Definition of Specifications
Differential Non-Linearity (DNL) is the measure of the step
size output deviation from code to code. Ideally the step size
should be one LSB. A DNL specification of one LSB or less
guarantees monotonicity.
Integral Non-Linearity (INL) is the measure of the worst
case point that deviates from a best fit straight line of data
values along the transfer curve.
Full Scale Gain Drift is measured by setting the DAC inputs
to be all logic high (all 1’s) and measuring the output voltage
through a known resistance as the temperature is varied
from TMIN to TMAX. It is defined as the maximum deviation
COMPARATOR CHARACTERISTICS
Input Capacitance
-4
-
pF
Input Resistance
->1
-
M
Input Current
-1
-
µA
Maximum Input Voltage Allowed
(Excluding Comparator Sleep Mode)
-
4.0
3.75
V
Minimum Input Voltage, Peak-to-Peak (Dependent on Noise)
-
0.1
-
VP-P
Propagation Delay, High to Low
(Note 8)
-
6
-
ns
Propagation Delay, Low to High
(Note 8)
-
5
-
ns
Output Rise Time
(Note 8)
-
1.5
-
ns
Output Fall Time
(Note 8)
-
1.3
-
ns
Output High Voltage, VOH
IOH = -4mA
2.6
-
-
V
Output Low Voltage, VOL
IOL = +4mA
-
-
0.4
V
Output Jitter
-0.5
-
ns
Maximum Output Toggle Rate
High Z Load (~1M
Ω)
-
100
-
MHz
POWER SUPPLY CHARACTERISTICS
AVDD (Analog) Power Supply
4.5
5.0
5.5
V
DVDD (Digital) Power Supply
3.0
3.3
5.5
V
Analog Supply Current (IAVDD)
5V, IOUTFS = 20mA (Note 10)
-
25
30
mA
5V, IOUTFS = 2mA
-
7
-
mA
Digital Supply Current (IDVDD)
5V (Notes 5, 10)
-
90
100
mA
3.3V (Notes 6, 9)
-
50
55
mA
Power Dissipation
AVDD = 5V, DVDD = 3.3V, IOUTFS = 20mA (Notes 6, 9)
-
290
363
mW
AVDD = 5V, DVDD = 5V, IOUTFS = 20mA (Notes 5, 10)
-
625
715
mW
Power Supply Rejection
Single 5V Supply (Note 7)
-0.2
-
+0.2
% FSR/V
NOTES:
2. Gain error for the DAC is measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA);
ideally the ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no external filtering.
5. Measured with the clock at 125MSPS and the output frequency at 10MHz.
6. Measured with the clock at 100MSPS and the output frequency at 10MHz.
7. See Definition of Specifications.
8. 50MHz, High Z Load (~1M
Ω), 15pF capacitance, (IN- = 0.5VP-P), (IN+ = 0.25VDC).
9. For maximum value, 5.5V AVDD and 3.6V DVDD are used.
10. For maximum value, 5.5V AVDD and 5.5V DVDD are used.
Electrical Specifications
AVDD = DVDD = +5V (unless otherwise noted), VREF = Internal 1.2V, IOUTFS = 20mA, TA = -40
oC to 85oC for
all Min and Max Values. TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL5314


Número de pieza similar - ISL5314IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5314INZ INTERSIL-ISL5314INZ Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314INZ RENESAS-ISL5314INZ Datasheet
729Kb / 17P
   Direct Digital Synthesizer
More results

Descripción similar - ISL5314IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
   CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com